Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2262 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMPS2262
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2262 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMPS2262 Datasheet HTML 8Page - STMicroelectronics STMPS2262 Datasheet HTML 9Page - STMicroelectronics STMPS2262 Datasheet HTML 10Page - STMicroelectronics STMPS2262 Datasheet HTML 11Page - STMicroelectronics STMPS2262 Datasheet HTML 12Page - STMicroelectronics STMPS2262 Datasheet HTML 13Page - STMicroelectronics STMPS2262 Datasheet HTML 14Page - STMicroelectronics STMPS2262 Datasheet HTML 15Page - STMicroelectronics STMPS2262 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Electrical specifications
STMPS2242, STMPS2252, STMPS2262, STMPS2272
12/42
Doc ID 15050 Rev 3
Table 9.
UVLO characteristics
(VI = 5.5 V, IO = rated current, TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VUVLO
Undervoltage lockout
threshold
2.0
2.5
V
Hysteresis
75
mV
Table 10.
OCx pin characteristics
(VI = 5.5 V, IO = rated current, TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
OC blanking
OCx assertion and
de-assertion
48
15
ms
VO
Output low voltage
IO =5 mA
−−
0.4
V
Ioff
Off current
VOC = 2.7V, 5.5V
(No OC condition)
−−
1.0
µA
Table 11.
ENx pin characteristics
(VI = 5.5 V, IO = rated current, TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
VIH
High level input
voltage
V
I = 2.7 V to 5.5 V
2.0
−−
V
VIL
Low level input
voltage
V
I = 4.5 V to 5.5 V
−−
0.8
V
V
I = 2.7 V to 4.5 V
−−
0.4
V
II
Input current
VIENx =0V or VI
-0.5
−
0.5
µA
ton
Turn ON time(1)
1.
Not tested in production, specified by design.
RLOAD =10 Ω
CLOAD = 100 μF
−−
5ms
toff
Turn OFF time (1)
RLOAD =10 Ω
CLOAD = 100 μF
−−
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com