Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2262 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STMPS2262
Description  Enhanced dual-channel power switches
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2262 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STMPS2262 Datasheet HTML 34Page - STMicroelectronics STMPS2262 Datasheet HTML 35Page - STMicroelectronics STMPS2262 Datasheet HTML 36Page - STMicroelectronics STMPS2262 Datasheet HTML 37Page - STMicroelectronics STMPS2262 Datasheet HTML 38Page - STMicroelectronics STMPS2262 Datasheet HTML 39Page - STMicroelectronics STMPS2262 Datasheet HTML 40Page - STMicroelectronics STMPS2262 Datasheet HTML 41Page - STMicroelectronics STMPS2262 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Package mechanical data
STMPS2242, STMPS2252, STMPS2262, STMPS2272
38/42
Doc ID 15050 Rev 3
Figure 44.
MSOP8 package outline
Table 13.
MSOP8 mechanical data
Symbol
Millimeters
Min
Typ
Max
A
−−
1.10
A1
0
−
0.15
A2
0.75
0.85
0.95
b
0.22
−
0.40
c
0.08
−
0.23
D
2.90
3.00
3.10
D3
−
2.16
−
E
4.67
4.90
5.07
E1
2.90
3.00
3.10
E5
−
1.73
−
e
−
0.65
−
e1
1.95
−
L
0.40
−
0.80
L2
−
0.25
−
<
0°
−
6°
MSOP8_7277133_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com