Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAHF Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSAHF
Description  Up to 10 Watts Single and Dual Outputs AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHF Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSAHF Datasheet HTML 1Page - Wall Industries,Inc. PSAHF Datasheet HTML 2Page - Wall Industries,Inc. PSAHF Datasheet HTML 3Page - Wall Industries,Inc. PSAHF Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 4
PSAHF Series
Up to 10 Watts
Single and Dual Outputs
AC/DC Switching Power Supply
Rev. C
SPECIFICATIONS: PSAHF Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATIONS
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT (Vin)
Operating Voltage Range
85
265
VAC
Input Frequency
47
440
Hz
115VAC
10
A
Inrush Current
cold start at 25°C
230VAC
20
A
Built-in Fuse
2A / 250VAC
External Input Fuse (Recommended)
1.5A Slow – Blow Type
OUTPUT (Vo)
Output Voltage
See Table
Output Voltage Accuracy
±1.0
±2.0
%
Single Output Models
±0.5
±1.0
%
Load Regulation
Io = min. to max.
Dual Output Models
±2.5
±5.0
Line Regulation
Vin = min. to max.
±0.5
±1.0
%
Overshoot
5.0
%
Output Power
10
W
Output Current
See Table
3.3VDC & 5.0VDC Outputs
1.5
1.8
% of Vo
Ripple & Noise (Vp-p)
20MHz bandwidth
Other Outputs
0.8
1.0
% of Vo
Hold-up Time
115VAC, 60Hz
20
ms
PROTECTION
Over Voltage Protection
Zener diode clamp
120
% of Vo
Current Limitation
85VAC, Hiccup technique, automatic recovery
105
%
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
GENERAL
Efficiency
See Table
Switching Frequency
100
KHz
Isolation Voltage
Input to output, 60 seconds
3000
VAC
Isolation Test Voltage
Input to output, flash tested for 1 second
4700
VDC
Isolation Resistance
Test Voltage = 500VDC
100
M
Ω
ENVIRONMENTAL
Operating Temperature
Ambient
-25
+71
°C
Storage Temperature
-40
+85
°C
Humidity
95
%
Cooling
free air convection
Temperature Coefficient
All Outputs
±0.01
±0.02
%/°C
MTBF
MIL-HDBK-217F @ 25°C, Ground Benign
300,000 hours
PHYSICAL
Weight
Approximately 3.25oz (92g)
Dimensions
2.52(L) x 1.77(W) x 0.75(H) inches
Flammability
UL94V-0
Case Material
Plastic resin and Fiberglass
SAFETY
Safety Approvals
IEC/ EN / UL 60950-1
Conducted EMI
EN55022 Class B
Standard
Specification Requirement
Performance Criteria
EN61000-4-2
Air ±8KV
Cont. ±4KV
B
EN61000-4-3
80 ~ 1000MHz 10V/m
80% AM 1KHz modulation
A
EN61000-4-4
AC port ±2KV
DC, SL, TL±2KV
Not less than 1 min.
B
EN61000-4-5
1.2/50
μs (8/20μs)
AC dif. ±1KV
DC ±0.5KV
B
EN61000-4-6
0.15 ~ 80MHz 10Vrms
(functional earth ports
included)
80% AM 1KHz modulation
B
Conducted EMC
EN61000-4-11
30% 10ms
60% 100ms
95% 5000ms
B
C
C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com