Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAHF Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSAHF
Description  Up to 10 Watts Single and Dual Outputs AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHF Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSAHF Datasheet HTML 1Page - Wall Industries,Inc. PSAHF Datasheet HTML 2Page - Wall Industries,Inc. PSAHF Datasheet HTML 3Page - Wall Industries,Inc. PSAHF Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 4
PSAHF Series
Up to 10 Watts
Single and Dual Outputs
AC/DC Switching Power Supply
Rev. C
MODEL SELECTION GUIDES
SINGLE OUTPUT MODELS
Output Current
Input Current (115VAC, 60Hz)
Model Number
Output Voltage
Min
Max
Nom
Max
Output
Power
Efficiency
(typ)
Capacitive
Load (max)
PSAHF-10S03
3.3 VDC
200mA
2000mA
15mA
137mA
6.6W
70%
3900
μF
PSAHF-10S05
5 VDC
200mA
2000mA
15mA
199mA
10W
73%
3300
μF
PSAHF-10S12
12 VDC
83mA
833mA
15mA
191mA
10W
76%
2200
μF
PSAHF-10S15
15 VDC
66mA
666mA
15mA
191mA
10W
76%
2200
μF
PSAHF-10S24
24 VDC
42mA
416mA
15mA
190mA
10W
76%
1000
μF
DUAL OUTPUT MODELS
Output Current
Input Current (115VAC, 60Hz)
Model Number
Output Voltage
Min
Max
Nom
Max
Output
Power
Efficiency
(typ)
Capacitive
Load (max)
+12VDC
+38mA
+380mA
1000
μF
PSAHF-10D12
-12VDC
-38mA
-380mA
15mA
172mA
9.12W
77%
1000
μF
+15 VDC
+30mA
+300mA
1000
μF
PSAHF-10D15
-15VDC
-30mA
-300mA
15mA
169mA
9W
77%
1000
μF
NOTES
1. Ripple & Noise measurement bandwidth is 0~20 MHz.
2. These power modules require a minimum output loading to maintain specified regulation.
3. Operation under no-load conditions will not damage these devices; however they may not meet all listed specifications.
4. All AC/DC modules should be externally fused at the front end for protection.
5. Other input and output voltage may be available, please contact factory.
DERATING CURVE
¡ã
0
20
40
60
80
100
-25
10
20
40
60
70
50
30
25%
Ambient Temperature (°C)
~



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com