Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAHF Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAHF
Description  Up to 10 Watts Single and Dual Outputs AC/DC Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAHF Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAHF Datasheet HTML 1Page - Wall Industries,Inc. PSAHF Datasheet HTML 2Page - Wall Industries,Inc. PSAHF Datasheet HTML 3Page - Wall Industries,Inc. PSAHF Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 4
PSAHF Series
Up to 10 Watts
Single and Dual Outputs
AC/DC Switching Power Supply
Rev. C
FEATURES
● I/O Isolation 3000VAC
● Single & Dual Outputs
● MTBF > 330,000 Hours
● High Efficiency up to 78%
● EMC Complies with EN61000
● IEC61140 Safety Class II Approved
● 85~265VAC, 47~440Hz Universal Input Range
● IEC / EN / UL 60950-1 Safety Standards Approved
● Operating Temperature 71°C (Refer to Derating Curve)
● EMI Complies with EN55022 Class B and FCC part 15, level B
DESCRIPTION
The PSAHF series of AC/DC power supplies offers 10 Watts of output power in an encapsulated design. This series has
single and dual output models with a universal input range of 85 ~265VAC. Other features include continuous short circuit
protection, over voltage protection, and output current limiting. These units are also EMC EN61000-4 (-2,-3,-4) and EMI
EN55022 level B approved. The compliance to these EMI specifications minimizes system design time, cost, and eliminates
the need for external filter components. The PSAHF series has IEC/EN/UL 60950-1 safety approvals, which qualifies this
product for worldwide markets. This series also has a wide variety of applications including both commercial and industrial
with a MTBF of 300,000 hours.
BLOCK DIAGRAMS
Single Output
L
N
Fuse
Rectifier
Switching
Device
Rectifier
+Vo
-Vo
Isolation
Ref.Amp
Control Circuit
EMI Filter
and
Inrush Current
Limiter
Dual Output
Switching
Device
Rectifier
Rectifier
Isolation
Ref.Amp
+Vo
Com.
-Vo
Control Circuit
L
N
Fuse
Rectifier
EMI Filter
and
Inrush Current
Limiter


Similar Part No. - PSAHF

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAHC WALL-PSAHC Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC WALL-PSAHC Datasheet
151Kb / 5P
4~5.5 Watts, AC/DC Switching Power Supplies
PSAHC-12S WALL-PSAHC-12S Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC-12S WALL-PSAHC-12S Datasheet
151Kb / 5P
4~5.5 Watts, AC/DC Switching Power Supplies
PSAHC-15S WALL-PSAHC-15S Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
More results

Similar Description - PSAHF

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSATC WALL-PSATC Datasheet
156Kb / 3P
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSRL0601 WALL-PSRL0601 Datasheet
367Kb / 5P
Single Output Up to 320 Watts AC/DC Switching Power Supply
PSRL0603 WALL-PSRL0603 Datasheet
380Kb / 5P
Single Output Up to 250 Watts AC/DC Switching Power Supply
PSRL0603D WALL-PSRL0603D Datasheet
406Kb / 5P
Dual Output Up to 250 Watts AC/DC Switching Power Supply
PSRL9827 WALL-PSRL9827 Datasheet
345Kb / 4P
Single Output Up to 150 Watts AC/DC Switching Power Supply
DTIPU45 WALL-DTIPU45 Datasheet
194Kb / 3P
Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
DTMPU50 WALL-DTMPU50 Datasheet
175Kb / 3P
Up to 50 Watts Single, Dual, and Triple Outputs AC/DC Medical Desktop Power Supply
DTSPU45 WALL-DTSPU45 Datasheet
170Kb / 3P
Up to 50 Watts Single, Dual, & Triple Outputs AC/DC Desktop Power Supply
MD12S1.5-6000 WALL-MD12S1.5-6000 Datasheet
534Kb / 8P
Up to 20 Watts DC/DC Power Converters Single and Dual Outputs
DCPDL09 WALL-DCPDL09 Datasheet
555Kb / 6P
Up to 9 Watts DC DC Converter Single and Dual Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com