Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSALC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSALC
Description  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSALC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSALC Datasheet HTML 1Page - Wall Industries,Inc. PSALC Datasheet HTML 2Page - Wall Industries,Inc. PSALC Datasheet HTML 3Page - Wall Industries,Inc. PSALC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc.
Rev A
PSALC SERIES
Up to 9 Watts, AC/DC Switching Power Supplies
06/27/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS: PSALC SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
90
305
VAC
Input Voltage
DC input voltage range
120
430
VDC
Input Frequency
47
440
Hz
At 115VAC and full load
190
Input Current
At 230VAC and full load
120
mA
At 115VAC
25
Inrush Current (<500μs)
At 230VAC
45
A
No Load Power Consumption
0.3
W
External Fuse (recommended)
2A slow blow type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
See Table
Line Regulation
Low Line to High Line
See Table
Load Regulation
See Table
Output Power
See Table
Output Current
See Table
Single Output Models
0
Minimum Load
Dual Output Models
25
%
3.3~15VDC Output Models
100
24VDC Output Model
150
Ripple
Dual Output Models
Measured at 20MHz BW with 0.1μF and 47μF capacitors in parallel
100
mVp-p
3.3~15VDC Output Models
150
24VDC Output Model
200
Noise
Dual Output Models
Measured at 20MHz BW with 0.1μF and 47μF capacitors in parallel
150
mVp-p
Max Capacitive Load
See Table
Hold-Up Time
10
ms
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
Over Voltage Protection
Zener diode clamp
Over Power Protection
Hiccup mode, auto-recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
124
132
140
KHz
Isolation Voltage (Input to Output)
3000
VAC
Leakage Current
0.25
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-40
+70
°C
Storage Temperature
-40
+85
°C
Humidity
95
% RH
Cooling
Free air convection
MTBF
25°C (MIL-HDBK-217F)
350,000
hours
PHYSICAL SPECIFICATIONS
Weight
1.6oz (45g)
Case Material
Plastic resin with fiberglass (Flammability to UL 94V-0)
Dimensions (L x W x H)
1.48 x 1.10 x 1.08 inches (37.5 x 28.0 x 27.4 mm)
SAFETY & EMC
Safety Approvals
UL/cUL, CE
EMI (Conducted and Radiated Emissions)
EN 55022 Class B
EMC
EMS (Noise Immunity)
EN 55024



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com