Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSALC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSALC
Description  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSALC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSALC Datasheet HTML 1Page - Wall Industries,Inc. PSALC Datasheet HTML 2Page - Wall Industries,Inc. PSALC Datasheet HTML 3Page - Wall Industries,Inc. PSALC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wall Industries, Inc.
Rev A
PSALC SERIES
Up to 9 Watts, AC/DC Switching Power Supplies
06/27/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
FEATURES
RoHS Compliant
Isolation Class II
Up to 9 Watts Output Power
Low Ripple and Noise
Single and Dual Outputs
UL/cUL & CE Safety Approvals
PCB Mountable Switching Power Supply
Fully Encapsulated Plastic Case
-40°C to +70°C Operating Temperature Range
< 0.3W No Load Power Consumption
Universal Input Voltage Range: 90-305VAC (120-430VDC)
Short Circuit, Over Power, and Over Voltage Protection
DESCRIPTION
E199779 LEVEL 3
R
Size:
1.48 x 1.10 x 1.08 inches
37.5 x 28.0 x 27.4 mm
The PSALC series of AC/DC switching power supplies provides up to 9 watts of output power in a 1.48” x 1.10”
x 1.08” encapsulated PCB mountable package. This series consists of single and dual output models with a
universal input range of 90-305VAC (120-430VDC). Some features include low ripple and noise, -40°C to +70°C
operating temperature range, and over power, over voltage, and short circuit protection. All models are RoHS
compliant and have UL/cUL and CE safety approvals.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Output Current
Model Number
Input Voltage
Output
Voltage
Min Load
Max Load
Voltage
Accuracy
Line
Regulation
Load Regulation
(0% - 100%)
Output
Power
Efficiency
Maximum
Capacitive Load
PSALC-3.3S
3.3 VDC
0%
2000mA
±2%
±0.2%
±3%
6.6W
69%
17,000μF
PSALC-5S
5 VDC
0%
1600mA
±2%
±0.2%
±2%
8W
75%
22,000μF
PSALC-8S
8 VDC
0%
1000mA
±2%
±0.2%
±0.5%
8W
78%
6000μF
PSALC-9S
9 VDC
0%
888mA
±2%
±0.2%
±0.5%
8W
79%
6000μF
PSALC-12S
12 VDC
0%
666mA
±2%
±0.2%
±0.5%
8W
79%
3200μF
PSALC-14S
14 VDC
0%
571mA
±2%
±0.2%
±0.5%
8W
80%
1880μF
PSALC-15S
15 VDC
0%
533mA
±2%
±0.2%
±0.5%
8W
80%
1880μF
PSALC-24S
90~305 VAC
(120~430 VDC)
24 VDC
0%
335mA
±2%
±0.2%
±0.5%
8W
81%
1760μF
DUAL OUTPUT MODELS
Output Current
Model Number
Input Voltage
Output
Voltage
Min Load(1)
Max Load
Voltage
Accuracy
Line
Regulation
Load Regulation
(10% - 100%)
Output
Power
Efficiency
Maximum
Capacitive Load
Vo
5 VDC
1600mA
±2%
±0.2%
±0.5%
4500μF
PSALC-5S3.3S
Vr
3.3 VDC
25%
310mA
±15%
±3%
±5%
9W
73%
3800μF
Vo
8 VDC
1000mA
±2%
±0.2%
±0.5%
800μF
PSALC-8S5S
Vr
5 VDC
25%
100mA
±10%
±3%
±5%
8.5W
78%
3800μF
Vo
12 VDC
666mA
±2%
±0.2%
±0.5%
260μF
PSALC-12S5S
Vr
90~305 VAC
(120~430 VDC)
5 VDC
25%
100mA
±10%
±3%
±5%
8.5W
79%
3800μF
NOTES
1. Dual output models require a minimum loading on the output to maintain specified regulations. Operation under no-load conditions will not damage these
devices; however, they may not meet all listed specifications.
BLOCK DIAGRAMS
Single Output
Dual Output
O.V.P. / O.C.P.
DETECT
+V
-V
L
N
DETECT
+V
COM
-V
L
N
O.V.P. / O.C.P.


Similar Part No. - PSALC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSALF240 WALL-PSALF240 Datasheet
224Kb / 4P
AC/DC LED Switching Power Supplies
PSALF240-12S WALL-PSALF240-12S Datasheet
224Kb / 4P
AC/DC LED Switching Power Supplies
PSALF240-24S WALL-PSALF240-24S Datasheet
224Kb / 4P
AC/DC LED Switching Power Supplies
PSALF240-28S WALL-PSALF240-28S Datasheet
224Kb / 4P
AC/DC LED Switching Power Supplies
PSALF240-36S WALL-PSALF240-36S Datasheet
224Kb / 4P
AC/DC LED Switching Power Supplies
More results

Similar Description - PSALC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com