Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSALC Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSALC
Description  AC/DC Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSALC Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSALC Datasheet HTML 1Page - Wall Industries,Inc. PSALC Datasheet HTML 2Page - Wall Industries,Inc. PSALC Datasheet HTML 3Page - Wall Industries,Inc. PSALC Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wall Industries, Inc.
Rev A
PSALC SERIES
Up to 9 Watts, AC/DC Switching Power Supplies
06/27/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
DERATING CURVES
Single Output Models
Dual Output Models
120
100
80
60
40
20
0
-40
-20
0
20
40
50 60
70
80
Ambient Temperature (°C)
50%
-25
PSALC-3.3S
Others
120
100
80
60
40
20
0
-40
-20
0
20
40
50 60
70
80
Ambient Temperature (°C)
50%
-25
PSALC-8S5S
PSALC-12S5S
PSALC-5S3.3S
MECHANICAL DRAWING
Unit: inches (mm)
NOTES
1. Tolerance: ±0.02 (±0.5)
2. Weight: 1.6oz (45g)
3. Case Material: Plastic resin with fiberglass (flammability to UL 94V-0)
4. All dimensions are for reference only
1.48 (37.5)
0.27
(6.782)
0.20
(5.08)
0.20
(5.08)
3
4
5
2
1
0.30
(7.62)
0.20
(5.105)
TOP VIEW
0.04 (1.0)
PIN CONNECTIONS
PIN
SINGLE
DUAL
1
N
N
2
L
L
3
NC
+Vr
4
+Vo
+Vo
5
GND
GND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com