Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPRL0801 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPRL0801
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0801 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPRL0801 Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 4Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc.
Rev B
PSPRL0801 SERIES
150~300 Watts, AC/DC Switching Power Supplies
09/05/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS: PSPRL0801 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
90
264
VAC
Input Frequency
AC input
47
63
Hz
Input Current
90VAC
5
A
115VAC and cold start
35
Inrush Current
230VAC and cold start
70
A
Power Factor Correction
230VAC and full load
0.95
Input Fusing Protection
Internal fuse in line and neutral
One F5A/350V fuse inserted in primary
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Adjustability
-5
+5
%
Regulation
-1
+1
%
Output Power
See Table
Output Current
See Table
Ripple & Noise
Measured from 10kHz to 20MHz bandwidth and with 0.1µF ceramic
and 22µF electrolytic capacitors in parallel across the output.
1
%
DYNAMIC RESPONSE
Peak Transient
50% load step change
5
%
Recovery Time
Recovery to within 1% Nominal Vo
2.5
ms
Turn On
5
Overshoot
Turn Off
5
%
Turn On Delay
230VAC
1
s
Hold Up Time
120VAC and 80% of full load
16
ms
PROTECTION
Over Voltage Protection
Latch mode; recycle AC input to reset
130
% Vout
Over Power Protection
Automatic recovery
110
140
% Iout
Short Circuit Protection
Trip without damage and automatic recovery
Over Temperature Protection
Automatic recovery
105
110
115
°C
GENERAL SPECIFICATIONS
Efficiency
230VAC and full load
75
89
%
PFC
40
66
Switching Frequency
PWM
55
75
kHz
Input Line to Chassis
10mA AC cut-off current; for 3 seconds
1500
Primary to Secondary For 3 seconds
3000
Withstand Voltage
Primary to Core
For 3 seconds
1500
VAC
Leakage Current
At 264VAC
1
mA
Grounding Test
Apply 25A from ground pin of the three prong plug to the far most earth. Max allowable resistance is 0.1Ω
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
Derating at 2.5% per degree from 50°C to 70°C
0
+70
°C
Storage Temperature Range
-20
+85
°C
Operating Humidity
Non-condensing
5
90
% RH
Storage Humidity
Non-condensing
5
95
% RH
Vibration
5~50Hz; acceleration ±7.35 m/s*s on X, Y, & Z axes
U & C Type Models
Free air convection
Cooling
E & F Type Models
Internal fan is provided
Burn-in
45°C ±5°C for 1 hour at 230VAC and full load
MTBF
MIL-HDBK-217F, Ta=30°C
100,000
hours
PHYSICAL SPECIFICATIONS
U-Chassis Models (Suffix “U”)
1.10 lbs (500g)
U-Chassis with Vented Top Cover Models (Suffix “C”)
1.21 lbs (550g)
Enclosed with End-side Built-in Fan Models (Suffix “E”)
1.43 lbs (650g)
Weight
Enclosed with Top-side Built-in Fan Models (Suffix “F”)
1.32 lbs (600g)
U-Chassis Models (Suffix “U”)
5.00 x 3.20 x 1.50 in (127.00 x 81.28 x 38.10 mm)
U-Chassis with Vented Top Cover Models (Suffix “C”)
5.00 x 3.20 x 1.66 in (127.00 x 81.28 x 42.10 mm)
Enclosed with End-side Built-in Fan Models (Suffix “E”)
6.50 x 3.20 x 1.60 in (165.10 x 81.28 x 40.64 mm)
Dimensions (L x W x H)
Enclosed with Top-side Built-in Fan Models (Suffix “F”)
5.00 x 3.20 x 2.00 in (127.00 x 81.28 x 50.80 mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com