Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPRL0801 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSPRL0801
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0801 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSPRL0801 Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 4Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Wall Industries, Inc.
Rev B
PSPRL0801 SERIES
150~300 Watts, AC/DC Switching Power Supplies
09/05/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
Enclosed with End-Side Built-in Fan Models (Suffix “E”): 6.50 x 3.20 x 1.60 Inches; Weight: 1.43 lbs
Input Connector (CN1):
Output Connector (CN2):
Mating Molex Part No. VHR-6N
Terminal block - Dinkle P830N, M5 screws
Mounting Inserts: 6 Places M3. Maximum penetration 3.8mm
Logic Signal Connector (CN3):
Mating JST XHP-4 or equivalent (CHYAO SHIUNN JS-2001-04);
Mating Pins: JST SXH-002T-P0.6 for AWG 30 to 26.
Fan Driver Connector (FAN1):
12VDC/300mA is available to drive an external fan. Mating connector is
JST P/N XHP-3 (3 pins 0.98 pitch) or equivalent (CHYAO SHIUNN JS-2001-03)
IEC320 snap-in mounting type or
Terminal block: Howder HD-602-3P
Unit: inches [mm]
B 4:1 (6 PL)
M3X0.5
0.177 [4.50]
0.197 [5.00]
MATING JST MODEL NO. VHR-6N (6 PINS)
OR EQUIVALENT
DINKLE PCB TERMINAL
P-830N
2 PINS M5 SCREW
TERMINAL BLOCK
3 PINS 6.35mm CENTER
HD-602-3P
IEC320 OR EQUIVALENT
4.50 [114.30]
0.25 [6.35]
2.70 [68.58]
1.75 [44.52]
0.32 [8.26]
1.60 [40.64]
6.50 [165.10]
Enclosed with Top-Side Built-in Fan (Suffix “F”): 5.00 x 3.20 x 2.00 Inches; Weight: 1.32 lbs
Unit: inches [mm]
COVER WITH BUILT-IN DC FAN
FOR PSPRL0801F SERIES
Input Connector (CN1):
Mating Molex Part No. VHR-5N or equivalent (5 pins, 3 used) or
Terminal block: Howder M3 screws 3 pin 6.35mm center Part No. HD-601-3P
PCB Labeling: L=Line; N-Neutral; G=Ground
Output Connector (CN2):
Mating Molex Part No. VHR-6N
Terminal block - Dinkle P830N, M5 screws
Mounting Inserts: 6 Places M3. Maximum penetration 3.8mm
Logic Signal Connector (CN3):
Mating JST XHP-4 or equivalent (CHYAO SHIUNN JS-2001-04);
Mating Pins: JST SXH-002T-P0.6 for AWG 30 to 26.
Fan Driver Connector (FAN1):
12VDC/300mA is available to drive an external fan. Mating connector is
JST P/N XHP-3 (3 pins 0.98 pitch) or equivalent (CHYAO SHIUNN JS-2001-03)
2.50 [63.50]
2.00 [50.8]
CHASSIS
FAN
4.50 [114.30]
5.00 [127.0]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com