Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPRL0801 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPRL0801
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL0801 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPRL0801 Datasheet HTML 1Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 2Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 3Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 4Page - Wall Industries,Inc. PSPRL0801 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc.
Rev B
PSPRL0801 SERIES
150~300 Watts, AC/DC Switching Power Supplies
09/05/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
U-Chassis
U-Chassis with Vented Top Cover
Enclosed with End-Side Built-in Fan
Enclosed with Top-Side Built-in Fan
Size: 5.00 x 3.20 x 1.50 inches
Size: 5.00 x 3.20 x 1.66 inches
Size: 6.50 x 3.20 x 1.60 inches
Size: 5.00 x 3.20 x 2.00 inches
FEATURES
• RoHS Compliant
• High Quality & Reliable Component Usage
• Variable Fan Speed & Low Acoustical Noise
• 90~264VAC Full Range Input
• Compact 300W with 1U Height Power Density: 12.5 Watts /cu in
• Single Outputs Ranging from 2VDC to 60VDC
• Active Power Factor Corrected to EN61000-3-2 Class D
• Built-in Remote On/Off, Power Good, and Fan Fail Alarm Functions
• Peak Power 600W within 500µs Duty Duration
• 150 Watts with Convection Cooling and 300 Watts with Forced Airflow
• Short Circuit, Over Power, Over Voltage, and Over Temperature Protection
• MTBF: 100,000 Hours (MIL-HDBK-217F)
• UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals
• Four Mechanical Options Available
DESCRIPTION
The PSPRL0801 series of AC/DC switching power supplies offers up to 150 Watts of output power with convection cooling and up to 300 Watts with 25CFM
forced airflow. This series consists of single output models ranging from 2VDC to 60VDC. These models have a 90~264VAC input voltage range, active PFC
corrected to EN61000-3-2 Class D, and built-in remote on/off, power good, and fan fail alarm functions. These supplies are also protected against short circuit,
over voltage, over power, and over temperature conditions. Models are available in U-chassis (Type U), U-chassis with vented top cover (Type C), enclosed
with end-side built-in fan (Type E), and enclosed with top-side built-in fan (Type F) designs. This series is RoHS compliant and has UL60950-1, EN60950-1, and
IEC60950-1 safety approvals.
MODEL SELECTION TABLE
Output Voltage (2)
Output Current (3)
Output Power (3)
Model Number (1)
Input Voltage
Range
Preset
Type U
(Convection)
Types U, C, E, & F
(25CFM Forced Air)
Type U
(Convection)
Types U, C, E, & F
(25 CFM Forced Air)
Ripple & Noise (5)
PSPRL0801x-05
2 ~ 5 VDC
5 VDC
20A
42A
100W
210W
1%
PSPRL0801x-09
7 ~ 11 VDC
9 VDC
13.64A
27.27A
122.8W
245.4W
1%
PSPRL0801x-12
12 ~ 13.8 VDC
12 VDC
12.5A
25A
150W
300W
1%
PSPRL0801x-15
14 ~ 16 VDC
15 VDC
10A
20A
150W
300W
1%
PSPRL0801x-18
17 ~ 22 VDC
18 VDC
8.333A
16.667
150W
300W
1%
PSPRL0801x-24
23 ~ 28 VDC
24 VDC
6.25A
12.5A
150W
300W
1%
PSPRL0801x-30
29 ~ 34 VDC
30 VDC
5A
10A
150W
300W
1%
PSPRL0801x-36
35 ~ 43 VDC
36 VDC
4.167A
8.333A
150W
300W
1%
PSPRL0801x-48
44 ~ 52 VDC
48 VDC
3.125A
6.25A
150W
300W
1%
PSPRL0801x-54
90 - 264 VAC
53 ~ 60 VDC
54 VDC
2.778A
5.556A
150W
300W
1%
NOTES
1. The “x” in the model number can be “U” for U-chassis type, “C” for U-chassis with vented top cover type, “E” for enclosed with end-side built-in fan, or “F”
for enclosed with top-side built-in fan.
2. All output ranges are covered by agency certifications and the preset voltage will be set as standard models if nothing different is requested. If desired
preset output does not appear, please contact factory.
3. PSPRL0801U-XX Models (U-chassis): 150W max. with convection cooling and 300W max. with 25CFM minimum forced airflow.
PSPRL0801C-XX Models
(U-chassis with vented top cover): 150W max. with convection cooling and 300W max. with 25CFM minimum forced airflow.
PSPRL0801E-XX Models
(Enclosed with end-side built-in fan): 300W max. with built-in fan airflow.
PSPRL0801F-XX Models
(Enclosed with top-side built-in fan): 300W max. with built-in fan airflow.
4. Provides peak power to 600W within 500µs for all models; for longer duty duration please contact manufacturer.
5. Ripple & noise is measured from 10kHz to 20MHz bandwidth and with a 0.1µF ceramic and a 22µF electrolytic capacitor in parallel across the output.
6. 1% minimum load is required to maintain the ripple and regulation specifications.
7. Output is fully isolated.


Similar Part No. - PSPRL0801

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPRL0801D WALL-PSPRL0801D Datasheet
687Kb / 6P
AC/DC Switching Power Supply
PSPRL0801Dx-0512 WALL-PSPRL0801Dx-0512 Datasheet
687Kb / 6P
AC/DC Switching Power Supply
PSPRL0801Dx-0524 WALL-PSPRL0801Dx-0524 Datasheet
687Kb / 6P
AC/DC Switching Power Supply
PSPRL0801Dx-0548 WALL-PSPRL0801Dx-0548 Datasheet
687Kb / 6P
AC/DC Switching Power Supply
PSPRL0801Dx-1224 WALL-PSPRL0801Dx-1224 Datasheet
687Kb / 6P
AC/DC Switching Power Supply
More results

Similar Description - PSPRL0801

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com