Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1430C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L1430C
Description  Tough enough for industrial environments.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L1430C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L1430C Datasheet HTML 1Page - List of Unclassifed Manufacturers L1430C Datasheet HTML 2Page - List of Unclassifed Manufacturers L1430C Datasheet HTML 3Page - List of Unclassifed Manufacturers L1430C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
O R D E R I N G I N F O R M A T I O N
Catalog
Rating
Cord
NEMA
Number
A.
V.
Description/Color
Diameter
Config. No.
Connectors IP20 Suitability
L1420C
20 125/250
Black Back, White Front Body
.385"-1.150"
L14-20R
L1520C
20 3ø, 250
Black Back, White Front Body
.385"-1.150"
L15-20R
L1620C
20 3ø, 480
Black Back, White Front Body
.385"-1.150"
L16-20R
L1820C
20 3øY, 120/208 Black Back, White Front Body
.385"-1.150"
L18-20R
L1430C
30 125/250
Black Back, White Front Body
.385"-1.150"
L14-30R
L1530C
30 3ø, 250
Black Back, Black Front Body
.385"-1.150"
L15-30R
L1630C
30 3ø, 480
Black Back, Black Front Body
.385"-1.150"
L16-30R
L1830C
30 3øY, 120/208 Black Back, White Front Body
.385"-1.150"
L18-30R
Plugs IP20 Suitability
L1420P
20 125/250
Black Back, White Front Body
.385"-1.150"
L14-20P
L1520P
20 3ø, 250
Black Back, White Front Body
.385"-1.150"
L15-20P
L1620P
20 3ø, 480
Black Back, White Front Body
.385"-1.150"
L16-20P
L1820P
20 3øY, 120/208 Black Back, White Front Body
.385"-1.150"
L18-20P
L1430P
30 125/250
Black Back, White Front Body
.385"-1.150"
L14-30P
L1530P
30 3ø, 250
Black Back, White Front Body
.385"-1.150"
L15-30P
L1630P
30 3ø, 480
Black Back, White Front Body
.385"-1.150"
L16-30P
L1830P
30 3øY, 120/208 Black Back, White Front Body
.385"-1.150"
L18-30P
Turnlok® Locking Devices
Extra-Hard Use Plugs & Connectors
4 Wire 20 & 30A; 125 & 250V, 3ø 250 & 480V, 3øY 120/208V
SF1704R1 — Updated August 2009 — For latest specs visit www.passandseymour.com
For more information on these and other P&S products refer to our Catalog or visit our web site.
NEMA
L16-30R
NEMA
L16-30P
NEMA
L18-30R
NEMA
L18-30P
NEMA
L18 20R
NEMA
L18-20P
NEMA
L14-30R
NEMA
L14-30P
NEMA
L15-30R
NEMA
L15-30P
NEMA
L15-20R
NEMA
L15-20P
NEMA
L16-20R
NEMA
L16-20P
NEMA
L14-20P
NEMA
L14-20R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com