Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1430C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L1430C
Description  Tough enough for industrial environments.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L1430C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L1430C Datasheet HTML 1Page - List of Unclassifed Manufacturers L1430C Datasheet HTML 2Page - List of Unclassifed Manufacturers L1430C Datasheet HTML 3Page - List of Unclassifed Manufacturers L1430C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3rd Party Compliance
UL Listed, File Number E146159, Standard UL498, Attachment Plugs and Receptacles.
Federal Specification WC596.
CSA Certified, File Number LR1765, Standard CSA-C22.2 No. 42, General Use Receptacles and
Attachment Plugs.
Conforms to NEMA WD-1 and WD-6.
T E C H N I C A L S P E C I F I C A T I O N S
Materials
Back Body
Super Tough Nylon
Front Body
Nylon
Terminal Chamber
Polycarbonate
Cord Clamp
Nylon
Insert
Nylon
Dust Cover
Kraton
Plug Blades
Brass
Connector Contacts
Brass
Terminal Clamp
20A = Nickel-Plated Steel
30A = Brass
Terminal Screws
Brass
Ground Screws
Brass
Cord Clamp Screws
Nickel-Plated Steel
Assembly Screws
Nickel-Plated Steel
Turnlok® Locking Devices
Extra-Hard Use Plugs & Connectors
4 Wire 20 & 30A; 125 & 250V, 3ø 250 & 480V, 3øY 120/208V
SF1704R1 — Updated August 2009 — For latest specs visit www.passandseymour.com
Dimensions for
20 & 30 Amp Plug
3.75"
2.57"
Dimensions for
20 & 30 Amp Connector
2.20"
3.33"
2.20"
Performance
Electrical
Dielectric Withstand Voltage
2200V minimum
Maximum Working Voltage
600VAC
Current Interrupting
Certified for current interrupting at full-rated current
Temperature Rise
30°C maximum after 50 cycles at 150% rated current
Mechanical
Cord Accommodations
Round portable service cords of diameters in accordance
with the device rating as defined in UL62
Cord Grip Accommodations
.385"-1.150" diameter
Terminal Identification
“GR” and Green color = Ground, “WH” and White
color = Neutral, “X”, “Y”, “Z” = Hot
Terminal Accommodation
#18 AWG min. – #8 AWG max.
Product Identification
Amperage, Voltage, 3rd Party Compliance, NEMA Configuration
hot stamped onto device
Environmental
Flammability
UL94 V2
Operating Temperature
Maximum continuous +75°C, minimum -40°C without impact
Warranty
1 Year



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com