Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1430C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L1430C
Description  Tough enough for industrial environments.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L1430C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L1430C Datasheet HTML 1Page - List of Unclassifed Manufacturers L1430C Datasheet HTML 2Page - List of Unclassifed Manufacturers L1430C Datasheet HTML 3Page - List of Unclassifed Manufacturers L1430C Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Every component of these durable plugs and
connectors are built to offer the lowest installed cost
with maximum durability. Quick-thread assembly
screws install four times faster than competitive
product and backed-out screws come ready-to-wire.
The rugged easy-to-grip nylon housing, clear
thermoplastic terminal chambers as well as high-
strength brass alloy blades and contacts combine
to give P&S the premium selection of Turnlok plugs
and connectors.
L1420, L1520, L1620, L1820, L1430, L1530, L1630, L1830
Tough enough for
industrial environments.
F E A T U R E S & B E N E F I T S
F I E L D U S E S / V E R T I C A L M A R K E T S
n
Industrial
n Health Care
n
Education
n Institutional
n
Retail
n Office
n
Hospitality/Lodging
SF1704R1 — Updated August 2009 — For latest specs visit www.passandseymour.com
Turnlok® Locking Devices
Extra-Hard Use Plugs & Connectors
4 Wire 20 & 30A; 125 & 250V, 3ø 250 & 480V, 3øY 120/208V
Industrial-strength,
brass alloy plug blades
and connector contacts
resist heat rise, provide
excellent conductivity.
L1420C & L1420P
Integral flexible rubber cord
grommet conforms to and seals around
SO cord to provide protection from oils,
water, or chips entering wiring chamber.
New-design external cord grips
provide visible assurance of safe
and proper cord retention.
Impact- and
corrosion-resistant
durable nylon 6/6
shell material.
Rounded back contour
reduces snags and hang-
ups on the job site.
Visible stamped
NEMA configuration
and device rating.
Double dovetail
design provides
superior protection
against cord
pull-out forces.
Scallop shell design
provides non-slip
gripping surface for
insertion and withdrawal.
Raised ribs provide non-slip gripping
profile for turning to lock and unlock.
Quick-thread assembly
screws and cord-grip screws
come backed-out, ready-to-wire.
Installs four times faster.


Similar Part No. - L1430C

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
L143 PULSE-L143 Datasheet
1Mb / 5P
GSM/3G Penta Band Hybrid PCB Antenna
logo
Connor-Winfield Corpora...
L143-155.52 CONNOR-WINFIELD-L143-155.52 Datasheet
119Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
TT Electronics.
L143S331LF TTELEC-L143S331LF Datasheet
384Kb / 5P
SIL Resistor Network
01.21
More results

Similar Description - L1430C

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
ENCL-KIT1 RFSOLUTIONS-ENCL-KIT1 Datasheet
25Kb / 1P
Tough ABS construction
logo
Glenair, Inc.
802-019-AA2Z15-3PA GLENAIR-802-019-AA2Z15-3PA Datasheet
144Kb / 2P
Cordsets For Harsh Environments
803-008-AA2M5-3 GLENAIR-803-008-AA2M5-3 Datasheet
166Kb / 2P
Cordsets For Harsh Environments
804-014-AA2M5-3P GLENAIR-804-014-AA2M5-3P Datasheet
112Kb / 2P
Cordsets For Harsh Environments
805-008-AA2C8-4PA GLENAIR-805-008-AA2C8-4PA Datasheet
124Kb / 2P
Cordsets For Harsh Environments
logo
Grayhill, Inc
84R-AB2-112-PD GRAYHILL-84R-AB2-112-PD Datasheet
480Kb / 3P
Rugged Keypad for Tough Environments
logo
National Instruments Co...
NI9921 NI-NI9921 Datasheet
136Kb / 3P
Protection from harsh outdoor or industrial environments
logo
TT Electronics.
V700 TTELEC-V700 Datasheet
309Kb / 3P
Stability for harsh environments
logo
Golledge Electronics Lt...
CC2A-T1AH GOLLEDGE-CC2A-T1AH_18 Datasheet
554Kb / 5P
SM Crystal for extreme environments
VCXO2EV GOLLEDGE-VCXO2EV Datasheet
546Kb / 4P
CMOS VCXO for Harsh Environments
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com