Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C16245AX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI5C16245AX
Description  16-Bit, 2-Port Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C16245AX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI5C16245AX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PI5C16245/162245
16-Bit, 2-Port Bus switch
4
PS7025D
01/24/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Pulse
Generator
D.U.T.
VIN
RT
VOUT
CL
500
Ω
500
Ω
50pF
VCC
7V
Open
Test
Disable LOW
Enable LOW
tPD
Switch
Closed
Closed
Open
Definitions:
CL = Load capacitance (includes jig and
probe capacitance)
RT = Termination resistance (should be
equal to ZOUT of the pulse generator)
Control
Input
Output
Normally
Low
Output
Normally
High
tPZL
tPLZ
0V
1.5V
3V
0V
1.5V
3V
0V
VOL
tPZH
tPZH
3V
1.5V
1.5V
Enable
Switch
Switch
GND
Disable
0.3V
VOH
0.3V
1. Input Control Enable = Low; Input Control Disable = High
2. Pulse Generator for all pulses:
Rate
<1.0 MHz; ZOUT <50Ω; tF, tR <2.5ns
Same Phase
Input Transisiton
Opposite Phase
Input Transisiton
tPLH
tPLH
tPHL
tPHL
0V
Output
VOH
VOL
3V
1.5V
1.5V
0V
3V
1.5V
1.5V
1.5V
Enable and Disable Timing
Test Circuits
Switch Position
Propagation Delay



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com