Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C16245AX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C16245AX
Description  16-Bit, 2-Port Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C16245AX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C16245AX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PI5C16245/162245
16-Bit, 2-Port Bus switch
3
PS7025D
01/24/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Power Supply Characteristics
Parameters Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power
VCC=Max.
VIN =GNDor VCC
0.1
3.0
μA
Supply Current
ΔICC
Supply Current per
VCC=Max.
VIN=3.4V(3)
2.5
mA
Input @ TTL HIGH
ICCD
Supply Current per
VCC=Max.,
0.25
mA/
Input per MHz(4)
A and B Pins Open
MHz
nBE=GND
Control Input Toggling
50% Duty Cycle
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to Icc.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified frequency. The
A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is guaranteed by design.
PI5C16245 Switching Characteristics over Operating Range
PI5C16245
Com.
Parameters Description
Conditions(1)
Min
Max
Unit
tPLH
Propagation Delay(2,3)
CL = 50 pF
0.25
ns
tPHL
xAxtoxBx,xBxtoxAx
RL=500-ohm
tPZH
Bus Enable Time
1.5
6.5
ns
tPZL
X
BEtoxAxorxBx
tPHZ
Bus Disable Time
1.5
5.5
ns
tPLZ
xBEtoxAxorxBx
Notes:
1. See test circuit and wave forms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25 ns for 50 pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
PI5C162245
Com.
Parameters Description
Conditions(1)
Min
Max
Unit
tplh
Propagation Delay(2,3)
CL = 50 pF
1.25
ns
tphl
xAxtoxBx,xBxtoxAx
RL=500-ohm
tpzh
Bus Enable Time
1.5
6.5
ns
tpzl
xBEtoxAxorxBx
tphz
Bus Disable Time
1.5
5.5
ns
tplz
xBEtoxAxorxBx
PI5C162245 Switching Characteristics over Operating Range



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com