Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C16245AX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5C16245AX
Description  16-Bit, 2-Port Bus Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C16245AX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5C16245AX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5C16245AX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS7025D
01/24/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Features:
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra-low quiescent power (0.2 μA typical) – Ideally
suited for notebook applications
• Pin compatible with 74 series16245
• Industrial operating temperature: –40°C to +85°C
• Packages (Pb-free & Green available):
– 48-pin 240-mil wide thin plastic TSSOP (A)
–48-pin150-milwideplasticBQSOP(B)
–48-pin300-milwideplasticSSOP(V)
PI5C16245
PI5C162245 (25-Ohm)
16-Bit, 2-Port Bus Switch
Block Diagram
PinConfiguration
Pin Description
Pin Name
I/O
Description
nBE
I
Bus Enable Input (Active LOW)
nA0-nA7
I/O
Bus A
nB0-nB7
I/O
Bus B
Function
nBE
nA0–7
Disconnect
H
Hi-Z
Connect
L
nB0–7
Truth Table(1)
Note:
1. H
= High Voltage Level
L
= Low Voltage Level
Hi-Z = High Impedance
Description:
PericomSemiconductor’sPI5C16245andPI5C162245are16-bit,2-
port bus switches that are pin compatible with the 74 series 16245 16-
bittransceiver.Twoenablesignals(nBE)turntheswitchesonsimilar
to the enable signals of the 16245. The bus switch creates no
additional propagation delay or additional ground bounce noise.
ThePI5C162245devicehasabuilt-in25-ohmseriesresistortoreduce
noise due to reflections, thus eliminating the need for an external
terminating resistor.
1
BE
1
A7
1
A0
1
B7
1
B0
2
BE
2
A7
2
A0
2
B7
2
B0
NC
1
1
B0
2
1
B1
3
GND
4
1
B2
5
1
B3
6
VCC
7
1
B4
8
1
B5
9
GND
10
1
B6
11
1
B7
12
2
B0
13
2
B1
14
GND
15
2
B2
16
2
B3
17
VCC
18
2
B4
19
2
B5
20
GND
21
2
B6
22
2
B7
23
NC
24
1
BE
48
1
A0
47
1
A1
46
GND
45
1
A2
44
1
A3
43
VCC
42
1
A4
41
1
A5
40
GND
39
1
A6
38
1
A7
37
2
A0
36
2
A1
35
GND
34
2
A2
33
2
A3
32
VCC
31
2
A4
30
2
A5
29
GND
28
2
A6
27
2
A7
26
2
BE
25


Similar Part No. - PI5C16245AX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C16245A PERICOM-PI5C16245A Datasheet
195Kb / 5P
16-Bit, 2-Port Bus Switch
More results

Similar Description - PI5C16245AX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32X245 PERICOM-PI3B32X245 Datasheet
227Kb / 3P
3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
PI5C16245 PERICOM-PI5C16245 Datasheet
195Kb / 5P
16-Bit, 2-Port Bus Switch
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI5C32X384 PERICOM-PI5C32X384_06 Datasheet
464Kb / 5P
20-Bit, 2-Port Bus Switch
logo
Potato Semiconductor Co...
PO3B16244A POTATO-PO3B16244A Datasheet
552Kb / 6P
16-Bit, 4-Port Bus Switch
PO3B16245A POTATO-PO3B16245A Datasheet
551Kb / 6P
16-Bit, 2-Port Bus Switch
PO3B16244A POTATO-PO3B16244A_14 Datasheet
1Mb / 5P
16-Bit, 4-Port Bus Switch
PO3B16245A POTATO-PO3B16245A_14 Datasheet
1Mb / 5P
16-Bit, 2-Port Bus Switch
logo
Pericom Semiconductor C...
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3B32X245 PERICOM-PI3B32X245_06 Datasheet
317Kb / 4P
3.3V, Hot Insertion 16-Bit, 2-Port Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com