Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM706T Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM706T
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM706T Datasheet HTML 8Page - STMicroelectronics STM706T Datasheet HTML 9Page - STMicroelectronics STM706T Datasheet HTML 10Page - STMicroelectronics STM706T Datasheet HTML 11Page - STMicroelectronics STM706T Datasheet HTML 12Page - STMicroelectronics STM706T Datasheet HTML 13Page - STMicroelectronics STM706T Datasheet HTML 14Page - STMicroelectronics STM706T Datasheet HTML 15Page - STMicroelectronics STM706T Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Operation
STM706T/S/R, STM706P, STM708T/S/R
12/32
Doc ID 10518 Rev 12
3.5
Power-fail input/output
The power-fail input (PFI) is compared to an internal reference voltage (independent from
the VRST comparator). If PFI is less than the power-fail threshold (VPFI), the power-fail
output (PFO) will go low. This function is intended for use as an undervoltage detector to
signal a failing power supply. Typically PFI is connected through an external voltage divider
(see Figure 9) to either the unregulated DC input (if it is available) or the regulated output of
the VCC regulator. The voltage divider can be set up such that the voltage at PFI falls below
VPFI several milliseconds before the regulated VCC input to the STM70x or the micro-
processor drops below the minimum operating voltage.
If the comparator is unused, PFI should be connected to VSS and PFO left unconnected.
PFO may be connected to MR on the STM70x so that a low voltage on PFI will generate
a reset output.
3.6
Ensuring a valid reset output down to VCC = 0 V
When VCC falls below 1 V, the state of the RST output can no longer be guaranteed, and
becomes essentially an open circuit. If a high value pulldown resistor is added to the RST
pin, the output will be held low during this condition. A resistor value of approximately
100 k
Ω will be large enough to not load the output under operating conditions, but still
sufficient to pull RST to ground during this low voltage condition (see Figure 10).
Figure 10.
Reset output valid to ground circuit
AI08844
STM70x
RST
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com