Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM706T Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM706T
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706T Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM706T Datasheet HTML 24Page - STMicroelectronics STM706T Datasheet HTML 25Page - STMicroelectronics STM706T Datasheet HTML 26Page - STMicroelectronics STM706T Datasheet HTML 27Page - STMicroelectronics STM706T Datasheet HTML 28Page - STMicroelectronics STM706T Datasheet HTML 29Page - STMicroelectronics STM706T Datasheet HTML 30Page - STMicroelectronics STM706T Datasheet HTML 31Page - STMicroelectronics STM706T Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
STM706T/S/R, STM706P, STM708T/S/R
Part numbering
Doc ID 10518 Rev 12
29/32
8
Part numbering
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you.
Table 9.
Ordering information scheme
Example:
STM706
T
M
6
E
Device type
STM706
STM708
Reset threshold voltage
T: 3.00 V
≤ VRST ≤ 3.15 V
S: 2.88 V
≤ VRST ≤ 3.00 V
R: STM706P: 2.59 V
≤ VRST ≤ 2.70 V
RST pulse width
Blank = 140 to 280 ms
A(1) = 160 to 280 ms
1.
Available in SO8 (M) package only.
Package
M = SO8
DS(2) = TSSOP8
2.
Contact local ST sales office for availability.
Temperature range
6 = –40 to 85 °C
Shipping method
E = ECOPACK® packages, tubes
F = ECOPACK® packages, tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com