Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM706T Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM706T
Description  3 V supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM706T Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM706T Datasheet HTML 23Page - STMicroelectronics STM706T Datasheet HTML 24Page - STMicroelectronics STM706T Datasheet HTML 25Page - STMicroelectronics STM706T Datasheet HTML 26Page - STMicroelectronics STM706T Datasheet HTML 27Page - STMicroelectronics STM706T Datasheet HTML 28Page - STMicroelectronics STM706T Datasheet HTML 29Page - STMicroelectronics STM706T Datasheet HTML 30Page - STMicroelectronics STM706T Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
STM706T/S/R, STM706P, STM708T/S/R
Package mechanical data
Doc ID 10518 Rev 12
27/32
Figure 29.
SO8 – 8-lead plastic small outline, 150 mils body width,
package mechanical
Note:
Drawing is not to scale.
SO-A
E
8
ddd
B
e
A
D
C
L
A1
1
H
A2
Table 7.
SO8 - 8-lead plastic small outline, 150 mils body width,
package mechanical data
Symbol
Dimensions
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
—
1.35
1.75
—
0.053
0.069
A1
—
0.10
0.25
—
0.004
0.010
B
—
0.33
0.51
—
0.013
0.020
C
—
0.19
0.25
—
0.007
0.010
D
—
4.80
5.00
—
0.189
0.197
ddd
—
—
0.10
—
—
0.004
E
—
3.80
4.00
—
0.150
0.157
e
1.27
—
—
0.050
—
—
H
—
5.80
6.20
—
0.228
0.244
h
—
0.25
0.50
—
0.010
0.020
L
—
0.40
0.90
—
0.016
0.035
α
—
0°
8°
—
0°
8°
N
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com