Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC30J Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMC30J
Description  3000 W Transil™
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC30J Datasheet(HTML) 2 Page - STMicroelectronics

  SMC30J Datasheet HTML 1Page - STMicroelectronics SMC30J Datasheet HTML 2Page - STMicroelectronics SMC30J Datasheet HTML 3Page - STMicroelectronics SMC30J Datasheet HTML 4Page - STMicroelectronics SMC30J Datasheet HTML 5Page - STMicroelectronics SMC30J Datasheet HTML 6Page - STMicroelectronics SMC30J Datasheet HTML 7Page - STMicroelectronics SMC30J Datasheet HTML 8Page - STMicroelectronics SMC30J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
SMC30J
2/10
Doc ID 022064 Rev 1
1
Characteristics
Figure 1.
Electrical characteristics - definitions
Figure 2.
Pulse definition for electrical characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (1)
Tj initial = Tamb
3000
W
Tstg
Storage temperature range
-65 to +150
° C
Tj
Operating junction temperature range
-55 to +150
° C
TL
Maximum lead temperature for soldering during 10 s.
260
° C
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Table 2.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads
15
° C/W
Rth(j-a)
Junction to ambient on printed circuit on recommended pad layout
90
° C/W
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CLVBR VRM
I
RM
I
R
I
PP
V
I
I
RM
I
R
I
PP
V
RMVBR VCL
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
V
CL VBR VRM
I
RM
I
R
I
PP
V
I
I
F
V
F
Unidirectional
Bidirectional
Symbol Parameter
V
Stand-off voltage
V
Breakdown voltage
V
Clamping voltage
I
Leakage current @ V
I
Peak pulse current
T
Voltage temperature coefficient
V
Forward voltage drop
R
Dynamic resistance
RM
BR
CL
RM
RM
PP
F
D
α
Repetitive pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
tr
tp



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com