Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC30J Datasheet(PDF) 5 Page - STMicroelectronics

Part # SMC30J
Description  3000 W Transil™
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC30J Datasheet(HTML) 5 Page - STMicroelectronics

  SMC30J Datasheet HTML 1Page - STMicroelectronics SMC30J Datasheet HTML 2Page - STMicroelectronics SMC30J Datasheet HTML 3Page - STMicroelectronics SMC30J Datasheet HTML 4Page - STMicroelectronics SMC30J Datasheet HTML 5Page - STMicroelectronics SMC30J Datasheet HTML 6Page - STMicroelectronics SMC30J Datasheet HTML 7Page - STMicroelectronics SMC30J Datasheet HTML 8Page - STMicroelectronics SMC30J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SMC30J
Characteristics
Doc ID 022064 Rev 1
5/10
Figure 11.
Leakage current versus junction temperature (typical values)
Figure 9.
Relative variation of thermal
impedance, junction to ambient,
versus pulse duration
Figure 10. Thermal resistance junction to
ambient versus copper surface
under each lead
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t (s)
p
Recommended pad layout
Single pulse
Z/R
th(j-a)
th(j-a)
epoxy printed board, FR4 copper thickness = 35 µm
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
S (cm )
Cu
2
epoxy printed board, FR4 copper thickness = 35 µm
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
25
50
75
100
125
150
I (nA)
R
V= V
RRM
V
< 10 V
RM
V10 V
RM
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com