Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC30J Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMC30J
Description  3000 W Transil™
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMC30J Datasheet(HTML) 4 Page - STMicroelectronics

  SMC30J Datasheet HTML 1Page - STMicroelectronics SMC30J Datasheet HTML 2Page - STMicroelectronics SMC30J Datasheet HTML 3Page - STMicroelectronics SMC30J Datasheet HTML 4Page - STMicroelectronics SMC30J Datasheet HTML 5Page - STMicroelectronics SMC30J Datasheet HTML 6Page - STMicroelectronics SMC30J Datasheet HTML 7Page - STMicroelectronics SMC30J Datasheet HTML 8Page - STMicroelectronics SMC30J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
SMC30J
4/10
Doc ID 022064 Rev 1
Figure 3.
Peak pulse power dissipation
versus initial junction temperature
(typical value)
Figure 4.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
P (W)
PP
0
500
1000
1500
2000
2500
3000
3500
0
25
50
75
100
125
150
175
10/1000 µs
T (°C)
j
P (kW)
PP
0.1
1.0
10.0
100.0
1000.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
t(
)
P ms
T initial = 25 °C
j
Figure 5.
Clamping voltage versus peak pulse
current (exponential waveform,
maximum values)
Figure 6.
Junction capacitance versus
reverse applied voltage for
unidirectional types (typical values)
Figure 7.
Junction capacitance versus
reverse applied voltage for
bidirectional types (typical values)
Figure 8.
Peak forward voltage drop versus
peak forward current (typical
values)
I (A)
PP
0.1
1.0
10.0
100.0
1000.0
1
10
100
T initial = 25 °C
10/1000 µs
j
V (V)
CL
C(nF)
0.1
1.0
10.0
100.0
1
10
100
SMC30J5.0A
SMC30J15A
SMC30J33A
V (V)
R
F = 1 MHz
V
= 30 mV
T = 25 °C
OSC
RMS
j
C(nF)
0.1
1.0
10.0
100.0
1
10
100
SMC30J5.0CA
SMC30J15CA
SMC30J33CA
F = 1 MHz
V
= 30 mV
T = 25 °C
OSC
RMS
j
V (V)
R
I
(A)
FM
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
(V)
FM
T = 25 °C
j
T = 150 °C
j



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com