Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7986 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L7986
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L7986 Datasheet HTML 9Page - STMicroelectronics L7986 Datasheet HTML 10Page - STMicroelectronics L7986 Datasheet HTML 11Page - STMicroelectronics L7986 Datasheet HTML 12Page - STMicroelectronics L7986 Datasheet HTML 13Page - STMicroelectronics L7986 Datasheet HTML 14Page - STMicroelectronics L7986 Datasheet HTML 15Page - STMicroelectronics L7986 Datasheet HTML 16Page - STMicroelectronics L7986 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
DocID022450 Rev 6
13/43
L7986
Functional description
43
This kind of overcurrent protection is effective if the output current is limited. To prevent the
current from diverging, the current ripple in the inductor during the on-time must not be
higher than the current ripple during the off-time. That is:
Equation 3
If the output voltage is shorted, VOUT 0, IOUT = ILIM, D / FSW = TON_MIN,
(1 - D ) / FSW1 / FSW. So, from Equation 3, the maximum switching frequency that
guarantees to limit the current results:
Equation 4
With RDSON = 300 m, DCR = 0.08 , the worst condition is with VIN = 38 V, ILIM = 3.7 A;
the maximum frequency to keep the output current limited during the short-circuit results
88 kHz.
The pulse-by-pulse mechanism, which reduces the switching frequency down to one eighth
the maximum FSW, adjusted by the FSW pin, that assures a full effective output current
limitation, is 88 kHz * 8 = 706 kHz.
If, with VIN = 38 V, the switching frequency is set higher than 706 kHz, during short-circuit
condition the system finds a different equilibrium with higher current. For example, with
FSW = 800 kHz and the output shorted to ground, the output current is limited around:
Equation 5
where FSW* is 800 kHz divided by eight.
VIN VOUT RDSON IOUT DCR IOUT
–
–
–
LFSW
------------------------------------------------------------------------------------------------------------ D
VOUT VF RDSON IOUT DCR IOUT
+
++
LFSW
-----------------------------------------------------------------------------------------------------------
1D
–

=
FSW
*
VF DCR I
+
LIM

VIN
RDSON DCR
+
 I
LIM
–

-------------------------------------------------------------------------------
1
TON_MIN
----------------------
=
IOUT
VIN FSW
*
VF TON_MIN
–
DCR TON_MIN

RDSON DCR
+
 F
SW
*
+
----------------------------------------------------------------------------------------------------------------
4.2A
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com