Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7986 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L7986
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L7986 Datasheet HTML 16Page - STMicroelectronics L7986 Datasheet HTML 17Page - STMicroelectronics L7986 Datasheet HTML 18Page - STMicroelectronics L7986 Datasheet HTML 19Page - STMicroelectronics L7986 Datasheet HTML 20Page - STMicroelectronics L7986 Datasheet HTML 21Page - STMicroelectronics L7986 Datasheet HTML 22Page - STMicroelectronics L7986 Datasheet HTML 23Page - STMicroelectronics L7986 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Application information
L7986
20/43
DocID022450 Rev 6
As seen in Section 5.3 on page 12, two different kinds of network can compensate the loop.
In the following two paragraphs the guidelines to select the type II and type III compensation
network are illustrated.
6.4.1
Type III compensation network
The methodology to stabilize the loop consists of placing two zeroes to compensate the
effect of the LC double pole, therefore increasing phase margin; then, to place one pole in
the origin to minimize the DC error on regulated output voltage; and finally, to place other
poles far from the zero dB frequency.
If the equivalent series resistance (ESR) of the output capacitor introduces a zero with
a frequency higher than the desired bandwidth (that is: 2
ESR COUT < 1 / BW), the type
III compensation network is needed. Multi-layer ceramic capacitors (MLCC) have very low
ESR (< 1 m
), with very high frequency zero, so a type III network is adopted to
compensate the loop.
In Figure 10 the type III compensation network is shown. This network introduces two
zeroes (fZ1, fZ2) and three poles (fP0, fP1, fP2). They are expressed as:
Equation 22
Equation 23
Figure 10. Type III compensation network
fZ1
1
2
 C
3
R1 R3
+


------------------------------------------------
=
fZ2
1
2
 R
4 C4

------------------------------
=
fP0 0
=
fP1
1
2
 R
3 C3

------------------------------
=
fP2
1
2
 R
4
C4 C5
C4 C5
+
--------------------

--------------------------------------------
=




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com