Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7986 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L7986
Description  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L7986 Datasheet HTML 21Page - STMicroelectronics L7986 Datasheet HTML 22Page - STMicroelectronics L7986 Datasheet HTML 23Page - STMicroelectronics L7986 Datasheet HTML 24Page - STMicroelectronics L7986 Datasheet HTML 25Page - STMicroelectronics L7986 Datasheet HTML 26Page - STMicroelectronics L7986 Datasheet HTML 27Page - STMicroelectronics L7986 Datasheet HTML 28Page - STMicroelectronics L7986 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
DocID022450 Rev 6
25/43
L7986
Application information
43
In Figure 14 the Bode diagram of the PWM and LC filter transfer function [GPW0 · GLC(f)]
and the open-loop gain [GLOOP(f) = GPW0 · GLC(f) · GTYPEII(f)] are drawn.
Figure 14. Open-loop gain: module Bode diagram
The guidelines for positioning the poles and the zeroes and for calculating the component
values can be summarized as follows:
1.
Choose a value for R1, usually between 1 k and 5 k, in order to have values of C4
and C5 not comparable with parasitic capacitance of the board.
2.
Choose a gain (R4/R1) in order to have the required bandwidth (BW), that means:
Equation 29
where fESR is the ESR zero:
Equation 30
and VS is the sawtooth amplitude. The voltage feed-forward keeps the ratio VS/VIN constant.
3.
Calculate C4 by placing the zero one decade below the output filter double pole:
Equation 31
4.
Then calculate C3 in order to place the second pole at four times the system bandwidth
(BW):
Equation 32
R4
fESR
fLC
------------


2
BW
fESR
------------
VS
VIN
--------- R1

=
fESR
1
2
 ESR C
OUT

--------------------------------------------
=
C4
10
2
 R
4 fLC

-------------------------------
=
C5
C4
2
 R
4 C4 4BW
1
–

--------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com