Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L720 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3L720
Description  2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L720 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3L720 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PS8961D
12/10/12
PI3L720
2:1 Mux/DeMux Gigabit Ethenet
LAN Switch with Power-down Mode
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2) Max. Units
IDD-Standby(3) Quiescent Power Supply Current VDD = Max., VIN = GND or VDD
—
0.3
0.5
mA
IDD-Active(3)
Active Power Supply Current
VDD = Max., VIN = VDD or GND
1.0
1.5
mA
IDD-PD(3)
Power Down Current
PD = 1, VDD = MAX, VIN = VDD or GND
0.15
0.25
mA
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pins at indicated current through the switch. ON resistance is determined by the lower of the
voltages on the two (A & B) pins.
4. This parameter is determined by device characterization but is not production tested.
Capacitance(TA = –40°C to +85°C, VDD = 3.3V ±10%)
Parameters(4)
Description
Test Conditions(1)
Min. Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V, f = 1MHz
2.0
3.0
pF
COFF(B1, B2)
Port B Capacitance, Switch OFF
3.0
6.0
CON(A/B)
A/B Capacitance, Switch ON
8.0
11.0
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading..
3. Active power represents normal data communication. Standby power is when the device is enabled for operation but there is no LAN traffic
(cable not connected). Power down current is the minimum power state used when not connected and mobile.
4. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 10pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interactions with the load on the driven side.
Dynamic Electrical Characteristics Over the Operating Range (TA = –40°C to +85°C, VDD = 3.3V ±10%)
Parameter
Description
Test Conditions(1)
Min.
Typ.(2) Max. Units
XTALK
Crosstalk(3)
RL = 100-Ohm, f = 250MHz
—
–75
—
dB
OIRR
OFF Isolation(3)
—
–35
—
BW
Bandwidth –3dB(3)
RL = 100-Ohm
—
650
—
MHz
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VDD = 3.3V, TA = 25°C ambient and maximum loading..
3. Guaranteed by design.
4. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load capacitance. The
time constant for the switch alone is of the order of 0.25ns for 10pF load. Since this time constant is much smaller than the rise/fall times of
typical driving signals, it adds very little propagational delay to the system. Propagational delay of the bus switch when used in a system is
determined by the driving circuit on the driving side of the switch and its interactions with the load on the driven side.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com