Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L720 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI3L720
Description  2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L720 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI3L720 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
PS8961D
12/10/12
PI3L720
2:1 Mux/DeMux Gigabit Ethenet
LAN Switch with Power-down Mode
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. Add 'X' for Tape and Reel
Ordering Information
Ordering Number
Package Code
Package Description
PI3L720ZFE
ZF
Pb-free & Green, 56-contact TQFN
PI3L720ZHE
ZH
Pb-free & Green, 42-contact TQFN (0.5mm pitch)
PI3L720ZLE
ZL
Pb-free & Green, 42-contact TQFN (0.4mm pitch)
Packaging Mechanical: 42-Contact TQFN (ZL)
: 42-Lead, Thin Fine Pitch Quad Flat No-Lead (TQFN)
N
O
I
T
P
I
R
C
S
E
D
:
E
D
O
C
E
G
A
K
C
A
P
2082
-
D
P
:
#
L
O
R
T
N
O
C
T
N
E
M
U
C
O
D
ZL42
DATE: 01/29/09
REVISION: A
09-0071



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com