Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3L720 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3L720
Description  2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L720 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3L720 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3L720 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PS8961D
12/10/12
PI3L720
2:1 Mux/DeMux Gigabit Ethenet
LAN Switch with Power-down Mode
Test Circuit for Electrical Characteristics
Notes:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
Test Circuit for Dynamic Electrical Characteristics
VDD
D.U.T
T1
R1
S1
HP11667A
50-Ohm
10pF
HP8753ES
Switch Positions
Test
Switch
tPLZ, tPZL (output on B-side)
6.0V
tPHZ, tPZH (output on B-side)
GND
Prop Delay
Open
RT
10pF
CL
VDD
VIN
VOUT
200-ohm
200-ohm
6.0V
Pulse
Generator
D.U.T



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com