Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMQA22VT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMQA22VT
Description  MMQA, SZMMQA Quad Common Anode Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA22VT Datasheet(HTML) 1 Page - ON Semiconductor

  MMQA22VT Datasheet HTML 1Page - ON Semiconductor MMQA22VT Datasheet HTML 2Page - ON Semiconductor MMQA22VT Datasheet HTML 3Page - ON Semiconductor MMQA22VT Datasheet HTML 4Page - ON Semiconductor MMQA22VT Datasheet HTML 5Page - ON Semiconductor MMQA22VT Datasheet HTML 6Page - ON Semiconductor MMQA22VT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2012
February, 2012 − Rev. 10
1
Publication Order Number:
MMQA/D
MMQA, SZMMQA Quad
Common Anode Series
SC-74 Quad Monolithic
Common Anode
Transient Voltage Suppressors for ESD
Protection
This quad monolithic silicon voltage suppressor is designed for
applications requiring transient overvoltage protection capability. It is
intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment, and other applications. Its quad junction common
anode design protects four separate lines using only one package.
These devices are ideal for situations where board space is at a
premium.
Features
• SC−74 Package Allows Four Separate Unidirectional Configurations
• Peak Power − Min. 24 W @ 1.0 ms (Unidirectional),
per Figure 5 Waveform
• Peak Power − Min. 150 W @ 20 ms (Unidirectional),
per Figure 6 Waveform
• Maximum Clamping Voltage @ Peak Pulse Current
• Low Leakage < 2.0 mA
• ESD Rating of Class 3B (exceeding 16 kV) per the Human Body
Model
• SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PIN 1. CATHODE
2. ANODE
3. CATHODE
4. CATHODE
5. ANODE
6. CATHODE
1
2
3
6
5
4
MARKING DIAGRAM
PIN ASSIGNMENT
SC−74
CASE 318F
STYLE 1
xxxMG
G
http://onsemi.com
xxx
= Specific Device Code
M
= Date Cade
G
=Pb−Free Package
(Note: Microdot may be in either location)
SC−74 QUAD TRANSIENT
VOLTAGE SUPPRESSOR
24 WATTS PEAK POWER
5.6 − 33 VOLTS
DEVICE MARKING & ORDERING
INFORMATION
See specific marking and ordering information in the device
marking and ordering information table on page 6 of this data
sheet.


Similar Part No. - MMQA22VT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA22VT ONSEMI-MMQA22VT Datasheet
126Kb / 7P
SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA22VT ONSEMI-MMQA22VT Datasheet
126Kb / 7P
Transient Voltage Suppressors for ESD Protection
February, 2012 ??Rev. 10
MMQA22VT ONSEMI-MMQA22VT Datasheet
126Kb / 7P
SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA22VT1 ONSEMI-MMQA22VT1 Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA22VT1 ONSEMI-MMQA22VT1 Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
More results

Similar Description - MMQA22VT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMQA MOTOROLA-MMQA Datasheet
104Kb / 8P
SC-59 Quad Monolithic Common Anode
logo
ON Semiconductor
MMQA5V6T1 ONSEMI-MMQA5V6T1 Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA ONSEMI-MMQA Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA-D ONSEMI-MMQA-D Datasheet
67Kb / 6P
SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
SC-74 ONSEMI-SC-74 Datasheet
67Kb / 6P
MMQA Quad Common Anode Series
April, 2004 ??Rev. 4
NSDEMP11XV6T1 ONSEMI-NSDEMP11XV6T1_06 Datasheet
51Kb / 3P
Common Anode Quad Array Switching Diode
May, 2006 ??Rev. 3
MMQA5V6T ONSEMI-MMQA5V6T Datasheet
126Kb / 7P
SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA27VT1G ONSEMI-MMQA27VT1G Datasheet
126Kb / 7P
SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
NSEMP11XV6T1 ONSEMI-NSEMP11XV6T1 Datasheet
53Kb / 4P
Common Anode Quad Array Switching Diod
February, 2003 - Rev. 1
MMQA ONSEMI-MMQA_15 Datasheet
81Kb / 7P
SC-74 Quad Monolithic Common Anode
January, 2015 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com