Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMQA22VT Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMQA22VT
Description  MMQA, SZMMQA Quad Common Anode Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA22VT Datasheet(HTML) 4 Page - ON Semiconductor

  MMQA22VT Datasheet HTML 1Page - ON Semiconductor MMQA22VT Datasheet HTML 2Page - ON Semiconductor MMQA22VT Datasheet HTML 3Page - ON Semiconductor MMQA22VT Datasheet HTML 4Page - ON Semiconductor MMQA22VT Datasheet HTML 5Page - ON Semiconductor MMQA22VT Datasheet HTML 6Page - ON Semiconductor MMQA22VT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMQA, SZMMQA Quad Common Anode Series
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 5. 10 × 1000 ms Pulse Waveform
100
50
0
0
123
4
t, TIME (ms)
tr
tP
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAYS TO 50%
OF IRSM.
tr ≤ 10 ms
HALF VALUE—
IRSM
2
PEAK VALUE—IRSM
Figure 6. 8 × 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (
ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
Figure 7. Maximum Non−Repetitive Surge
Power, Ppk versus PW
Figure 8. Typical Maximum Non−Repetitive
Surge Power, Ppk versus VZ
0.1
1.0
10
100
1000
1.0
10
100
Power is defined as VRSM x IZ(pk) where VRSM is the clamping voltage at IZ(pk).
PW, PULSE WIDTH (ms)
UNIDIRECTIONAL
RECTANGULAR
WAVEFORM, TA = 25
°C
200
180
160
140
120
100
80
60
40
20
0
5.6
6.8
12
20
33
NOMINAL VZ
27
8
× 20 WAVEFORM AS PER FIGURE
NO TAG
10
× 100 WAVEFORM AS PER FIGURE
NO TAG



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com