Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMQA22VT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMQA22VT
Description  MMQA, SZMMQA Quad Common Anode Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA22VT Datasheet(HTML) 3 Page - ON Semiconductor

  MMQA22VT Datasheet HTML 1Page - ON Semiconductor MMQA22VT Datasheet HTML 2Page - ON Semiconductor MMQA22VT Datasheet HTML 3Page - ON Semiconductor MMQA22VT Datasheet HTML 4Page - ON Semiconductor MMQA22VT Datasheet HTML 5Page - ON Semiconductor MMQA22VT Datasheet HTML 6Page - ON Semiconductor MMQA22VT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMQA, SZMMQA Quad Common Anode Series
http://onsemi.com
3
TYPICAL CHARACTERISTICS
300
VZ, NOMINAL ZENER VOLTAGE (V)
250
200
150
100
50
0
5.6
6.8
12
20
27
BIASED AT 0 V
BIASED AT 1 V
BIASED AT 50%
OF VZ NOM
Figure 1. Typical Capacitance
5.6
6.8
20
27
10,000
1,000
100
10
0
Figure 2. Typical Leakage Current
VZ, NOMINAL ZENER VOLTAGE (V)
33
33
+150
°C
+25
°C
-40
°C
Figure 3. Steady State Power Derating Curve
Figure 4. Pulse Derating Curve
0
25
50
75
100
125
150
175
300
250
200
150
100
50
0
TA, AMBIENT TEMPERATURE (°C)
FR‐5 BOARD
ALUMINA SUBSTRATE
100
90
80
70
60
50
40
30
20
10
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com