Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113JA Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT113JA
Description  Baseball LCD Game
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113JA Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT113JA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 9Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 10Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 11Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 12Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 13Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 14Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Buzzer application without voice
Note:
The IC substrate should be connected to VSS in the PCB layout artwork.
HT113JA
13
December 14, 1999
SE G 0 ~ S E G 3 1
1
25
2
26
3
27
4
28
5
29
6
30
7
31
8
32
9
33
10
34
11
35
12
36
13
37
14
38
15
39
16
40
17
41
18
42
19
43
20
44
21
45
22
46
23
47
24
48
49
58
50
59
51
60
52
61
53
62
54
63
55
64
56
65
57
66
H T 113JA
ST AR T / PA U S E
MU T E
ON / O F F
f = 512k H z
36k W
RE S E T
0. 1 m F
B
A
C O M0
C O M1
C O M2
C O M3
L C D P ANE L
3V
VDD
B u zze r
®
¬



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com