Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113JA Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT113JA
Description  Baseball LCD Game
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113JA Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT113JA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HT113JA
4
December 14, 1999
¨
Inside corner ball: Press ¬ key and then
press B key.
¨
Outside corner ball: Press ® key and then
press B key.
· If the player does not pitch within 7 seconds
during his turn at defense, the pitcher will
pitch a straight ball.
· If the score is even after the 9th inning, the
match can be extended to a maximum of 19 in-
nings.
· There are various ways to finish a game:
¨
When the first part of the 7th inning is over,
or the second part of the 7th and 8th inning
is proceeding and the player's score is less
than the opponent's by 10 or more points.
¨
The second part or the 7th or 8th inning is
over and the player's score is higher than
the opponent's by 10 or more points.
¨
The first part of the 9th inning is over or the
second part of the 9th inning is proceeding,
and the player's score is less than that of the
opponent's.
¨
The second part of the 9th inning or above is
over and the player's score is higher than
that of the opponent's.
¨
When the score reaches 19.
¨
The second part of the 19th inning is over.
· When the game is over, the screen reverts to
the very beginning prior to the start. "GAME
OVER" flashes on the bottom left corner. The
result is shown on the scoreboard. At this
point, the player can restart the game.
· Auto power off function: HT113JA has an
auto power off function. It has a countdown
time of 4.5 minutes. If no key is pressed
within 4.5 minutes, power is automatically
turned off to save energy. When power is off,
press the ON/OFF key to turn it on. If any key
is pressed before auto power off, the count-
down is restarted.
· Pause function
¨
During the game, press the PAUSE key at
any time to stop the game. At this moment,
the screen is frozen. Only "PAUSE" and the
umpires are flashing relatively. Press the
PAUSE key again, then the game contin-
ues.
¨
If the power has been switched off in the
PAUSE mode (automatically or manually),
the system will automatically save the
screen. When power is turned on again, it
will go back to the frozen screen. Press the
PAUSE key again and the game continues.
· Displaying the scoreboard
The level, inning, or score will be shown on
the scoreboard at the proper time according to
the following:
¨
LEVEL
Press Key A before the START key is
pressed. It will show LEVEL 1 or LEVEL 2
(if not set, LEVEL 1 is assigned). The dis-
play looks like L:1 or L:2.
¨
INNING
Conditions wherein the innings flashes are
as follows:
-
After pressing the START key
-
Changing defense/offense position
-
During the game time, runner stops run-
ning and the defender stops passing the
ball for 5 seconds.
¨
SCORE
This is the player's score, the right one is
the opponent's score. The highest score ra-
tio is 19:19. It is shown in the following situ-
ation:
-
0:0 is shown in pitching practice.
-
Score is shown after flashing inning.
-
When the game is over, score is shown.
Counting method
Counting method is in accordance with regular
baseball rules.
Sound effects
· HT113JA consists of 14 kinds of sound effects.
¨
Sound for hitting the ball
¨
Sound for high ball
¨
Sound for STRIKE
¨
Sound for BALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com