Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT113JA Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT113JA
Description  Baseball LCD Game
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT113JA Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT113JA Datasheet HTML 1Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 2Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 3Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 4Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 5Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 6Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 7Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 8Page - Holtek Semiconductor Inc HT113JA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HT113JA
2
December 14, 1999
Functional Description
Key description
· RESET
Press this key and the whole system will re-
start from the beginning. The score and stage
level are both cleared to zero. If the RESET
key and the A key are both pressed at the
same time, then the RESET key is released,
all LCD pattern dots are shown on the screen
for LCD testing.
· START/PAUSE
This key has two functions. The function
START - above the slash - starts the game.
After the system restarts, or the game is over
or in free run mode, pressing this key starts a
new game with a short musical accompani-
ment. Then, the game starts. When the game
is in progress, pressing this key can tempo-
rarily stop the game. Pressing it again can re-
sume the game.
· MUTE
This is a sound effect switch. Pressing it once
can turn off the sound. Pressing it again
switches it on.
· A
There are three functions to save:
¨
Pressing this key can set the LEVEL before
the contest.
¨
Pressing this key can retrieve the ball.
¨
Pressing this key can pitch a ball.
· B
In defense, pressing the Left/Right key and
this key can pitch a ball.
· ­
Direction key. In offense, pressing it can make
the runner run from the first base to the sec-
ond base. In defense, pressing it can pass the
ball to the second base.
· ¯
Direction key. In offense, pressing it can make
the runner run from the third base to home
base. In defense, pressing it can pass the ball
to home base.
· ®
Right direction key. When the player's pitcher
is pitching, holding this key can make the ball
veer to the right. Then, pressing A key or B
key can either pitch an outside corner good
ball or an outside corner bad ball. When the
outfielder is passing the ball, pressing this
key can pass the ball to the first base.
Pressing this key can also shift the outfielder
to the right to catch a flying ball.
· ¬
Left direction key. In offense, pressing this
key can make the runner run to the third
base. When the player's pitcher is pitching,
holding this key can make the ball veer to the
left. Pressing A key or B key can pitch an in-
side corner good ball or an inside corner bad
ball. When the outfielder is passing the ball,
pressing this key can pass the ball to the third
base. Pressing this key can also shift the out-
fielder to the left to catch a flying ball.
· ON/OFF
Power switch. Press it once to turn on the
power; press it once again to turn off the
power; and so forth.
Operational description
· Press the ON/OFF key to turn on the power
and the screen shows a pitch-catch practice.
Press the A key to decide on the play level of
the contest which is shown on the scoreboard.
LEVEL 2 indicates higher hitting rate for the
opponent's team during a game. Press the
START key at any time to start the game. If
no key is pressed within 15 seconds before the
START key is pressed, it automatically goes
into free-run mode. The system automatically
operates the game. Press the A key at any
time to select the required LEVEL or the
START key to start the game. If no key is
pressed within 4.5 minutes, the power is auto-
matically turned off. If it is preferred to re-
main in free-run mode, press any key before
auto power off so the time is recalculated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com