Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC02 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT24LC02
Description  1K/2K 2-Wire CMOS Serial EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

  HT24LC02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
write cycle, then no ACK will be returned. If
the cycle is completed, then the device will
return the ACK and the master can then pro-
ceed with the next read or write command.
• Write protect
The HT24LC01/02 can be used as a serial
ROM when the WP pin is connected to VCC.
Programming will be inhibited and the entire
memory will be write-protected.
• Read operations
Read operations are initiated the same way as
write operations with the exception that the
read/write select bit in the device address
word is set to one. There are three read opera-
tions: current address read, random address
read and sequential read.
• Current address read
The internal data word address counter main-
tains the last address accessed during the last
read or write operation, incremented by one.
This address stays valid between operations
as long as the chip power is maintained. The
address roll over during read from the last
byte of the last memory page to the first byte
of the first page. The address roll over during
write from the last byte of the current page to
the first byte of the same page. Once the de-
vice address with the read/write select bit set
to one is clocked in and acknowledged by the
EEPROM, the current address data word is
serially clocked out. The microcontroller does
not respond with an input zero but generates
a following stop condition (refer to Current
read timing).
• Random read
A random read requires a dummy byte write
sequence to load in the data word address
which is then clocked in and acknowledged by
the EEPROM. The microcontroller must then
generate another start condition. The micro-
controller now initiates a current address
read by sending a device address with the
read/write select bit high. The EEPROM ac-
knowledges the device address and serially
clocks out the data word. The microcontroller
does not respond with a zero but does gener-
ates a following stop condition (refer to Ran-
dom read timing).
Acknowledge polling flow
HT24LC01/02
6
6th May ’99



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com