Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC02 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT24LC02
Description  1K/2K 2-Wire CMOS Serial EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT24LC02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pin Description
Pin Name
I/O
Description
A0~A2
I
Address inputs
SDA
I/O
Serial data inputs/output
SCL
I
Serial clock data input
WP
I
Write protect
VSS
Negative power supply
VCC
I
Positive power supply
Absolute Maximum Ratings
Operating Temperature (Commercial) .................................................................................. 0
°C to 70°C
Storage Temperature ........................................................................................................ –50
°C to 125°C
Applied VCC Voltage with Respect to VSS ....................................................................... –0.3V to 6.0V
Applied Voltage on any Pin with Respect to VSS ................................................................... –0.3V to VCC+0.3V
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute Maxi-
mum Ratings” may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=0
°C to 70°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
VCC
Operating Voltage
2.4
5.5
V
ICC1
Operating Current
5V
Read at 100kHz
2
mA
ICC2
Operating Current
5V
Write at 100kHz
5
mA
VIL
Input Low Voltage
–1
0.3VCC
V
VIH
Input High Voltage
0.7VCC
—VCC+0.5
V
VOL
Output Low Voltage
2.4V IOL=2.1mA
0.4
V
ILI
Input Leakage Current
5V
VIN=0 or VCC
——
1
µA
ILO
Output Leakage Current
5V
VOUT=0 or VCC
——
1
µA
ISTB1
Standby Current
5V
VIN=0 or VCC
——
5
µA
ISTB2
Standby Current
2.4V VIN=0 or VCC
——
4
µA
CIN
Input Capacitance (See Note)
f=1MHz 25
°C—
6
pF
COUT
Output Capacitance (See Note)
f=1MHz 25
°C—
8
pF
Note: These parameters are periodically sampled but not 100% tested
HT24LC01/02
2
6th May ’99



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com