Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT24LC02 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT24LC02
Description  1K/2K 2-Wire CMOS Serial EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC02 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT24LC02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC02 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT24LC01/02
1K/2K 2-Wire CMOS Serial EEPROM
Block Diagram
Pin Assignment
Features
•
Operating voltage: 2.4V~5.5V
•
Low power consumption
–
Operation: 5mA max.
–
Standby: 5
µA max.
•
Internal organization
–
1K (HT24LC01):128
×8
–
2K (HT24LC02): 256
×8
•
2-wire serial interface
•
Write cycle time: 5ms max.
•
Automatic erase-before-write operation
•
Partial page write allowed
•
8-byte Page write modes
•
Write operation with built-in timer
•
Hardware controlled write protection
•
40-year data retention
•
10
6 erase/write cycles per word
•
8-pin DIP/SOP package
•
8-pin TSSOP (HT24LC02 only)
•
Commerical temperature range
(0
°C to +70°C)
General Description
The HT24LC01/02 is a 1K/2K-bit serial
read/write non-volatile memory device using
the CMOS floating gate process. Its 1024/2048
bits of memory are organized into 128/256
words and each word is 8 bits. The device is
optimized for use in many industrial and com-
mercial applications where low power and low
voltage operation are essential. Up to eight
HT24LC01/02 devices may be connected to the
same two-wire bus. The HT24LC01/02 is guar-
anteed for 1M erase/write cycles and 40-year
data retention.
1
6th May ’99


Similar Part No. - HT24LC02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
CMOS 2K 2-Wire Serial EEPROM
June 27, 2007
HT24LC02 HOLTEK-HT24LC02 Datasheet
134Kb / 14P
CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
CMOS 2K 2-Wire Serial EEPROM
More results

Similar Description - HT24LC02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
CMOS 1K 2-Wire Serial EEPROM
January 6, 2006
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Asahi Kasei Microsystem...
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
CMOS 2K 2-Wire Serial EEPROM
June 27, 2007
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
CMOS 2K 2-Wire Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
1K/2K/4Kbit Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
CMOS 2K 2-Wire Serial EEPROM
January 16, 2014
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
CMOS 1K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com