Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49C10 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT49C10
Description  8-Bit Microcontroller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C10 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT49C10 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
HT49C10
21
September 28, 1999
Label (TMRC)
Bits
Function
¾
0~2
Unused bits, read as ²0²
TE
3
Defines the TMR active edge of the timer/event counter
(0=active on low to high; 1=active on high to low)
TON
4
Enable/disable timer counting
(0=disabled; 1=enabled)
TN2
5
Two to one multiplexer control inputs to select the timer/event counter
clock source (0=RTC output; 1=system clock or system clock/4)
TN0, TN1
7, 6
Defines the operating mode
01=Event count mode (external clock)
10=Timer mode (internal clock)
11=Pulse Width measurement mode (external clock)
00=Unused
TMRC register
the TON can only be reset by instructions. The
overflow of the timer/event counter is one of the
wake-up sources and can also be applied to a
PFD (Programmable Frequency Divider) out-
put at PA3 by mask option. No matter what the
operation mode is, writinga0toETI disables the
interrupt service. When the PFD function is se-
lected, executing ²CLR [PA].3² instruction to en-
able PFD output and executing ²SET [PA].3²
instruction to disable the PFD output.
In the case of timer/event counter OFF
condition, writing data to the timer/event counter
preload register also reloads that data to the
timer/event counter. But if the timer/event coun-
ter is turned on, data written to the
timer/event counter is kept only in the
timer/event counter preload register. The
timer/event counter still goes on operating un-
til an overflow occurs.
When the timer/event counter (reading TMR)
is read, the clock is blocked to avoid errors. As
this may results in a counting error, this
should be taken into account by the program-
mer.
It is strongly recommended to load first a spe-
cific value into the TMR register, then turn on
the timer/event counter for proper operation.
Because the initial value of TMR is unknown.
Input/output ports
There is an 8-bit bidirectional input/output port
and a 6-bit input port in the HT49C10, labeled
PA and PB, which are mapped to [12H] and
[14H] of the RAM, respectively. PA0~PA3 can
be configured as CMOS (output) or NMOS (in-
put/output) and with or without pull-high resis-
tor by mask option, PA4~PA7 always pull-high
and NMOS (input/output). PB can only be used
for input operation, and each bit on the port
with pull-high resistor. Both are for the input
operation, these ports are non-latched, that is,
the inputs should be ready at the T2 rising edge
of the instruction ²MOV A, [m]² (m=12H or
14H). For PA output operation, all data are
latched and remain unchanged until the output
latch is rewritten.
When the structures of PA are open drain
NMOS type, it should be noted that, before
reading data from the pads, a ²1² should be
written to the related bits to disable the NMOS
device. That is executing first the instruction
²SET [m].i² (i=0~7 for PA) to disable any related
NMOS device, and then ²MOV A, [m]² to get
stable data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com