Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49C10 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT49C10
Description  8-Bit Microcontroller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C10 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT49C10 Datasheet HTML 37Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 38Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 39Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 40Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 41Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 42Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 43Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 44Page - Holtek Semiconductor Inc HT49C10 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
SBC A,[m]
Subtract data memory and carry from the accumulator
Description
Thecontentsofthespecifieddatamemoryandthecomplementofthecarryflag
aresubtractedfromtheaccumulator,leavingtheresultintheaccumulator.
Operation
ACC ¬ ACC+[m]+C
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SBCM A,[m]
Subtract data memory and carry from the accumulator
Description
The contents of the specified data memory and the complement of the carry
flag are subtracted from the accumulator, leaving the result in the data
memory.
Operation
[m] ¬ ACC+[m]+C
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SDZ [m]
Skip if decrement data memory is zero
Description
The contents of the specified data memory are decremented by one. If the re-
sult is zero, the next instruction is skipped. If the result is zero, the following
instruction, fetched during the current instruction execution, is discarded
and a dummy cycle is replaced to get the proper instruction (two cycles). Oth-
erwise proceed with the next instruction (one cycle).
Operation
Skip if ([m]-1)=0, [m] ¬ ([m]-1)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SDZA [m]
Decrement data memory and place result in ACC, skip if zero
Description
The contents of the specified data memory are decremented by one. If the re-
sult is zero, the next instruction is skipped. The result is stored in the accu-
mulator but the data memory remains unchanged. If the result is zero, the
following instruction, fetched during the current instruction execution, is
discarded and a dummy cycle is replaced to get the proper instruction (two
cycles). Otherwise proceed with the next instruction (one cycle).
Operation
Skip if ([m]-1)=0, ACC ¬ ([m]-1)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
HT49C10
41
September 28, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com