Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49R50 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 12Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 13Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 14Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 15Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 16Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
HT49R50
13
October 22, 1999
Arithmetic and logic unit - ALU
This circuit performs 8-bit arithmetic and logic
operations and provides the following func-
tions:
· Arithmetic operations (ADD, ADC, SUB,
SBC, DAA)
· Logic operations (AND, OR, XOR, CPL)
· Rotation (RL, RR, RLC, RRC)
· Increment and Decrement (INC, DEC)
· Branch decision (SZ, SNZ, SIZ, SDZ etc.)
The ALU not only saves the results of a data op-
eration but also changes the status register.
Status register - STATUS
The status register (0AH) is of 8 bits wide and
contains, a carry flag (C), an auxiliary carry flag
(AC), a zero flag (Z), an overflow flag (OV), a
power down flag (PD), and a watchdog time-out
flag (TO). It also records the status information
and controls the operation sequence.
Except the TO and PD flags, bits in the status
register can be altered by instructions similar
to other registers. Data written into the status
register does not alter the TO or PD flags. Oper-
ations related to the status register, however,
may yield different results from those intended.
The TO and PD flags can only be changed by a
watchdog timer overflow, chip power-up, or
clearing the watchdog timer and executing the
"HALT" instruction. The Z, OV, AC, and C flags
reflect the status of the latest operations.
On entering the interrupt sequence or execut-
ing the subroutine call, the status register will
not be automatically pushed onto the stack. If
the contents of the status is important, and if
the subroutine is likely to corrupt the status
register, the programmer should take precau-
tions and save it properly.
Interrupts
The HT49R50 provides two external inter-
rupts, two internal timer/event counter inter-
rupts, an internal time base interrupt, and an
internal real time clock interrupt. The inter-
rupt control register 0 (INTC0;0BH) and inter-
rupt control register 1 (INTC1;1EH) both
contain the interrupt control bits that are used
to set the enable/disable status and interrupt
request flags.
Labels
Bits
Function
C0
C is set if the operation results in a carry during an addition operation or if a bor-
row does not take place during a subtraction operation; otherwise C is cleared. C
is also affected by a rotate through carry instruction.
AC
1
AC is set if the operation results in a carry out of the low nibbles in addition or no
borrow from the high nibble into the low nibble in subtraction; otherwise AC is
cleared.
Z2
Z is set if the result of an arithmetic or logic operation is zero; otherwise Z is
cleared.
OV
3
OV is set if the operation results in a carry into the highest-order bit but not a
carry out of the highest-order bit, or vice versa; otherwise OV is cleared.
PD
4
PD is cleared by either a system power-up or executing the "CLR WDT" instruc-
tion. PD is set by executing the "HALT" instruction.
TO
5
TO is cleared by a system power-up or executing the "CLR WDT" or "HALT" in-
struction. TO is set by a WDT time-out.
¾
6
Undefined, read as "0"
¾
7
Undefined, read as "0"
Status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com