Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49R50 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT49R50
Description  8-Bit Microcontroller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49R50 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT49R50 Datasheet HTML 17Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 18Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 19Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 20Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 21Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 22Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 23Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 24Page - Holtek Semiconductor Inc HT49R50 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
HT49R50
21
October 22, 1999
The states of the registers are summarized below:
Register
Reset
(Power On)
WDT Time-out
(Normal
Operation)
RES Reset
(Normal
Operation)
RES Reset
(HALT)
WDT
Time-out
(HALT)*
TMR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR0C
0000 1---
0000 1---
0000 1---
0000 1---
uuuu u---
TMR1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR1C
0000 1---
0000 1---
0000 1---
0000 1---
uuuu u---
Program Counter 000H
000H
000H
000H
000H
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
-xxx xxxx
-uuu uuuu
-uuu uuuu
-uuu uuuu
-uuu uuuu
STATUS
--00 xxxx
--1u uuuu
--uu uuuu
--01 uuuu
--11 uuuu
INTC0
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
INTC1
-000 -000
-000 -000
-000 -000
-000 -000
-uuu -uuu
RTCC
--00 0111
--00 0111
--00 0111
--00 0111
--uu uuuu
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
---- 1111
---- 1111
---- 1111
---- 1111
---- uuuu
Note:
"*" refers to "warm reset"
"u" means "unchanged"
"x" means "unknown"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com