Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT604L Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT604L
Description  318 Series of Decoders
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT604L Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT604L Datasheet HTML 1Page - Holtek Semiconductor Inc HT604L Datasheet HTML 2Page - Holtek Semiconductor Inc HT604L Datasheet HTML 3Page - Holtek Semiconductor Inc HT604L Datasheet HTML 4Page - Holtek Semiconductor Inc HT604L Datasheet HTML 5Page - Holtek Semiconductor Inc HT604L Datasheet HTML 6Page - Holtek Semiconductor Inc HT604L Datasheet HTML 7Page - Holtek Semiconductor Inc HT604L Datasheet HTML 8Page - Holtek Semiconductor Inc HT604L Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HT604L/614/692
318 Series of Decoders
1
April 24, 2000
Features
·
Operating voltage: 2.4V~12V
·
Low power and high noise immunity CMOS
technology
·
Low standby current
·
Capable of decoding 18 bits of information
·
Pairs with Holtek¢s318 series of encoders
·
9~10 address pins
·
2~8 data pins
·
Trinary address setting
·
Two times of receiving check
·
Built-in oscillator needs only a 5% resistor
·
Valid transmission indicator
·
Easy interface with an RF or an infrared
transmission medium
·
Minimal external components
·
Package information: refer to Selection
Table
General Description
The 318 decoders are a series of CMOS LSIs for
remote control system applications. They are
paired with the 318 series of encoders. For
proper operation, a pair of encoder/decoder pair
with the same number of address and data for-
mat should be selected (refer to the encoder/de-
coder cross reference tables).
The 318 series of decoders receive serial address
and data from that series of encoders that are
transmitted by a carrier using an RF or an IR
transmission medium. It then compares the se-
rial input data twice continuously with its local
address. If no errors or unmatched codes are
encountered, the input data codes are decoded
and then transferred to the output pins. The VT
pin also goes high to indicate a valid transmis-
sion.
The 318 decoders are capable of decoding 18 bits
of information that consists of N bits of address
and 18-N bits of data. To meet various applica-
tions they are arranged to provide a number of
data pins whose range is from 0 to 8 and an ad-
dress pin whose range is from 8 to 18. In addi-
tion, the 318 decoders provide various
combinations of address/data number in differ-
ent packages.
Applications
·
Burglar alarm system
·
Smoke and fire alarm system
·
Garage door controllers
·
Car door controllers
·
Car alarm system
·
Security system
·
Cordless telephones
·
Other remote control systems


Similar Part No. - HT604L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT604L HOLTEK-HT604L Datasheet
837Kb / 14P
318 Series of Decoders
2nd Oct 97
HT604L HOLTEK-HT604L Datasheet
153Kb / 12P
318 Series of Decoders
January 24, 2003
HT604L HOLTEK-HT604L_03 Datasheet
153Kb / 12P
318 Series of Decoders
January 24, 2003
More results

Similar Description - HT604L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D Datasheet
165Kb / 9P
2 12 Series of Decoders
July 12, 1999
HT600 HOLTEK-HT600 Datasheet
130Kb / 11P
318 Series of Encoders
April 24, 2000
HT602L HOLTEK-HT602L Datasheet
837Kb / 14P
318 Series of Decoders
2nd Oct 97
HT6030 HOLTEK-HT6030 Datasheet
106Kb / 10P
312 Series of Decoders
December 13, 1999
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
1-OF-10 DECODERS
logo
Holtek Semiconductor In...
HT12D HOLTEK-HT12D_02 Datasheet
174Kb / 11P
212 Series of Decoders
November 18, 2002
HT604L HOLTEK-HT604L_03 Datasheet
153Kb / 12P
318 Series of Decoders
January 24, 2003
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
318 Series of Encoders
January 24, 2003
logo
Varitronix internationa...
VI-318 VARITRONIX-VI-318 Datasheet
24Kb / 1P
VI-318
logo
Texas Instruments
CY54FCT138T TI1-CY54FCT138T_14 Datasheet
468Kb / 12P
1-OF-8 DECODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com