Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT604L Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT604L
Description  318 Series of Decoders
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT604L Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT604L Datasheet HTML 1Page - Holtek Semiconductor Inc HT604L Datasheet HTML 2Page - Holtek Semiconductor Inc HT604L Datasheet HTML 3Page - Holtek Semiconductor Inc HT604L Datasheet HTML 4Page - Holtek Semiconductor Inc HT604L Datasheet HTML 5Page - Holtek Semiconductor Inc HT604L Datasheet HTML 6Page - Holtek Semiconductor Inc HT604L Datasheet HTML 7Page - Holtek Semiconductor Inc HT604L Datasheet HTML 8Page - Holtek Semiconductor Inc HT604L Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Absolute Maximum Ratings
Supply Voltage...............................-0.3V to 13V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
3
¾
12
V
ISTB
Standby Current
5V
Oscillator stops
¾
0.1
1
mA
12V
¾
24
mA
IDD
Operating Current
5V No load
fOSC=100kHz
¾
0.2
1
mA
IO
Data Output Source Current
(D10~D17)
5V
VOH=4.5V
-0.5
-1
¾
mA
Data Output Sink Current
(D10~D17)
VOL=0.5V
0.5
1
¾
mA
IVT
VT Output Source Current
5V
VOH=4.5V
-2
-4
¾
mA
VT Output Sink Current
VOL=0.5V
12
¾
mA
VIH
²H² Input Voltage
5V
¾
3.5
¾
5V
VIL
²L² Input Voltage
5V
¾
0
¾
1V
fOSC
Oscillator Frequency
10V ROSC=330kW¾
100
¾
kHz
HT604L/614/692
4
April 24, 2000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com