Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT604L Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT604L
Description  318 Series of Decoders
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT604L Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT604L Datasheet HTML 1Page - Holtek Semiconductor Inc HT604L Datasheet HTML 2Page - Holtek Semiconductor Inc HT604L Datasheet HTML 3Page - Holtek Semiconductor Inc HT604L Datasheet HTML 4Page - Holtek Semiconductor Inc HT604L Datasheet HTML 5Page - Holtek Semiconductor Inc HT604L Datasheet HTML 6Page - Holtek Semiconductor Inc HT604L Datasheet HTML 7Page - Holtek Semiconductor Inc HT604L Datasheet HTML 8Page - Holtek Semiconductor Inc HT604L Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HT604L/614/692
5
April 24, 2000
Functional Description
Operation
The 318 series of decoders provide various com-
binations of address and data pins in different
packages. It is paired with the 318 series of
encoders. The decoders receive data transmit-
ted by the encoders and interpret the first N
bits of the code period as address and the last
18-N bits as data (where N is the address code
number). A signal on the DIN pin then acti-
vates the oscillator which in turns decodes the
incoming address and data. The decoders will
check the received address twice continuously.
If all the received address codes match the con-
tents of the decoder¢s local address, the 18-N
bits of data are decoded to activate the output
pins, and the VT pin is set high to indicate a
valid transmission. That will last until the ad-
dress code is incorrect or no signal has been re-
ceived. The output of the VT pin is high only
when the transmission is valid. Otherwise it is
always low.
Output type
There are two types of output to select from:
· Momentary type
The data outputs follow the encoder during a
valid transmission and then reset.
· Latch type
The data outputs follow the encoder during a
valid transmission, and are then latched in
this state until the next valid transmission
occurs.
Flowchart
Note: The oscillator is disabled in the
standby state and activated as long as
a logic ²high² signal is applied to the
DIN pin. i.e., the DIN should be kept
²low² if there is no signal input.
Ye s
C ode i n ?
S t or e dat a
No
Ye s
No
No
No
Ye s
S t andby m ode
D i s abl e V T &
i gnor e t h e r e s t o f
th i s w o r d
Ye s
No
Ye s
A ddr es s or
dat a er r o r ?
Lat c h / M om ent a r y
dat a t o o ut put &
a c ti v a t e V T
A ddr es s bi t s
m a t c hed ?
Ma t c h
pr ev i ous s t o r e d
dat a ?
2 t i m es
of c hec k i ng
c o m p l e t ed ?
Po w e r o n



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com