Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85048 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT85048
Description  Green Voice
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85048 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT85048 Datasheet HTML 1Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 2Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 3Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 4Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 5Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 6Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 7Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 8Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Pin Description
Pin No. Pin Name I/O
Internal
Connection
Description
1, 2, 8,
24~28
NC
¾¾
No connection
3, 4, 5
PP0, PDA,
PP1
O
¾
Green Voice Speaker control pin
6
VDD
¾¾
Positive power supply
7
AUD
O
PMOS
Open Drain Audio output for driving an external transistor
15~9
PB1~PB7
I/O
Pull-high
or CMOS
Bidirectional I/O pins
Can be optioned as trigger inputs or LED outputs
16
PB0
I/O
Pull-high
or CMOS
Bidirectional I/O pins
Can be optioned as CDS interface with internal
Schmitt trigger input
20~17
PA0~PA3
I
Wake-up
Pull-high
Trigger inputs
Can also be configured as wake-up inputs
21, 22
VSS
¾¾
Negative power supply, ground
23
OSC
I
¾
Built-in RC oscillator
An oscillator resistor is connected between OSC and VSS
Absolute Maximum Ratings
Supply Voltage.................................-0.3V to 6V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..............-20°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this device
at other conditions beyond those listed in the specification is not implied and prolonged expo-
sure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
¾
5.2
V
ISTB
Standby Current
3V No load, system HALT
¾
13
mA
IDD
Operating Current
3V No load, fSYS=4MHz
¾
58
mA
IOL
PB0~PB7 Sink Current
3V VOL=0.3V
46
¾
mA
IO
Max. AUD Output Current
3V VOH=0.6V
-1.5
-2
¾
mA
fSYS
System Frequency
3V ROSC=240kW
3.6
4.0
4.4
MHz
HT85XXX
4
August 24, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com