Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85048 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT85048
Description  Green Voice
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT85048 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT85048 Datasheet HTML 1Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 2Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 3Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 4Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 5Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 6Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 7Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 8Page - Holtek Semiconductor Inc HT85048 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HT85XXX
5
August 24, 2000
Functional Description
The Green Voice series is a series of program-
mable speech synthesizers and melody genera-
tors. It provides various sampling rates and
beats, tone levels, tempos for speech synthe-
sizer and melody generator. For voice synthe-
sizer, the Green Voice provides 8-bit PCM, 6-bit
m-law PCM and 4-bit ADPCM synthesis. In
HT85XXX series, a mixed output of two chan-
nels PCM synthesis is allowed but only one
channel ADPCM synthesis is allowed. For mel-
ody generator, the Green Voice supports a tone
melody and PCM melody generator and two
channels mixed output for the whole series.
The Green Voice series build-in 8 programma-
ble I/O pins and 4 programmable input pins
along with powerful user¢s command. The
user¢s instructions are employed to develop
new and customized functions for a wide vari-
ety of innovative applications.
Speech and melody analysis
The speech and melody sources of the Green
Voice can be recorded and edited from the PC
sound card and media tools. Holtek¢s CAD tools
first load a speech source file as .WAV or .PCM
format, then transfer the speech file as PCM,
LOG-PCM or ADPCM format, and finally save
it to the internal mask ROM by changing a
layer of the mask. The PCM format generates a
higher sound quality whereas the ADPCM for-
mat brings about a longer recording capacity.
The melody source can either be in the .MID or
in the .MLD format.
The .MID file is the standard format of the win-
dows media tools. The .MLD file is a text for-
mat. After the .MID file is compiled, the .MLD
file is automatically generated.
The Green Voice can support the following com-
pression format of the voice .WAV and .PCM
file: AD4, PCM8, m-law PCM.
Current type D/A output
The HT85XXX series supply high accuracy cur-
rent type D/A output pins for audio output. The
output volume is changeable from 0 to 15 digi-
tal levels by writing a value to the VOLUME
registers. The D/A pins are PMOS open drain
structure and ouput synthesized signals for
driving a speaker through an external NPN
transistor when the chip is active. However, it
becomes floating when the chip is in the
standby state. An 8050 type transistor with
hFE=150 is recommended for the output driver
of the D/A output pin.
Melody/Tone generator
The HT85XXX family has a built-in mel-
ody/tone generator. The generator can generate
13 different kinds of melody beats, 5 octaves of
tone level, 18 tempos, and 2 channels mixed
output. Of these components, the melody tempo
is changeable and generates sound effects by
writing a control value to the TEMPO register.
The chip provides the following 18 tempos, 13
beats, and 5 octaves for user¢s programming.
· 18 tempos (Beats/Min.)
68
78
82
93
100
105
109
114
119
125
132
139
147
156
179
192
227
310
· 13 beats
1
24
1
12
1
8
1
6
1
4
1
3
1
2
2
3
3
4
1 4
3
3
2
2
,
, ,, ,, ,, ,
,
,,
· 5 octaves
C1~B1, C2~B2, C3~B3, C4~B4, C5~B5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com