Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT85048 Datasheet (PDF) - Holtek Semiconductor Inc

HT85048 Datasheet PDF - Holtek Semiconductor Inc
Part # HT85048
Download  HT85048 Download
File Size   160.91 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Green Voice

HT85048 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT85048 Datasheet PDF - Holtek Semiconductor Inc

Part # HT85048
Download  HT85048 Click to download

File Size   160.91 Kbytes
Page   11 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Green Voice

HT85048 Datasheet (HTML) - Holtek Semiconductor Inc


HT85048 Product details

General Description
The HT85XXX family is a series of programmable speech synthesizers and tone generators designed for user-defined voice and melody applications. It provides various sampling rates and beats, tone levels, tempos for the speech synthesizer and melody generator.

Features
• Operating voltage: 2.4V~5.0V
• Driver speaker (32Ω) VDD=4.5V, IDD=90mA
• Programmable tone melody generator
• ADPCM, μ-law PCM, PCM synthesis
• Wide range of sampling rate for voice synthesis
• Minimum sampling rate step: 100Hz
• Voice melody mixed output
• Programmable 2 channels of melody mixed output
• Programmable 2 channels of voice mixed output
• 13 kinds of melody beats
• 5 octaves of tone level and 18 tempos
• 16 levels of digital volume control
• Eight programmable I/O pins
• Four programmable input pins
• Provides 36 sec to 96 sec of voice capacity
• Timer controller
• Voice fill-in function
• Powerful user-defined functions
• Power-on initial setting
• 28-pin SKDIP package




Similar Part No. - HT85048

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT850UPS ETC2-HT850UPS Datasheet
520Kb / 6P
Home Theater Ultra-compact Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
HT850UPS TRIPPLITE-HT850UPS Datasheet
518Kb / 5P
Home Theater Ultra-compact Line-Interactive 120V
More results


Similar Description - HT85048

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
VOICE ROM
logo
Holtek Semiconductor In...
HT8950 HOLTEK-HT8950 Datasheet
659Kb / 11P
Voice Modulator
5th May 98
HT8955A HOLTEK-HT8955A Datasheet
589Kb / 7P
Voice Echo
5th May 98
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
Voice Echo
March 14, 2000
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
VOICE SYNTHESIZER
logo
Synaptics Incorporated.
CX90412 CONEXANT-CX90412 Datasheet
70Kb / 2P
Voice Coprocessor
logo
List of Unclassifed Man...
SPDS106A ETC1-SPDS106A Datasheet
544Kb / 14P
VOICE ENGINE
ISD1820 ETC2-ISD1820 Datasheet
298Kb / 5P
Voice Recorder
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com