Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12G0 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HTG12G0
Description  Microcontroller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12G0 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HTG12G0 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 10Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 11Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 12Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 13Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 14Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 15Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 16Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
LCD driver output can be enabled or disabled
by setting PA2 without the influence of the re-
lated memory condition.
LCD driver output is enabled by setting PA2 as
“1”, and disabled by setting PA2 as “0”.
An example of an LCD driving waveform (1/8
duty and 1/5 bias) is shown below:
Oscillator circuit
Only one external resistor is required for the
HTG12G0 system clock.
The system clock is also used as the sound effect
clock, or internal frequency source of TIMER.
Another crystal oscillator is needed to be used
as the reference signal of LCD driving clock and
RTC interrupt clock source.
The HTG12G0 machine cycle consists of a se-
quence of 4 states numbered T1 to T4. Each
state lasts for one oscillator period. The ma-
chine cycle is 4.0
µs, if the system frequency is
up to 1.0MHz.
Input ports – PS, PP
Ports PS, PP are 4-bit input ports. These input
ports are configured as shown below:
All of these ports have internal pull-high resis-
tor determined by mask option.
Each bit of input ports PS, PP can be a trigger
source of HALT interrupt. That is also specified
by mask option. A transition from high to low
will make HTG12G0 wake-up.
RC and RTC oscillator
Input ports PS, PP
HTG12G0
13
14th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com