Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTG12G0 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HTG12G0
Description  Microcontroller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG12G0 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HTG12G0 Datasheet HTML 17Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 18Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 19Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 20Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 21Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 22Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 23Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 24Page - Holtek Semiconductor Inc HTG12G0 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
DEC [R3R2]
Decrement data memory
Machine code
0 0 0 0 1 1 1 1
Description
Data in the data memory specified by the register pair “R3,R2” is decre-
mented by 1. Carry flag is not affected.
Operation
M(R3,R2)
← M(R3,R2)–1
DI
Disable interrupt
Machine code
0 0 1 0 1 1 0 1
Description
Internal time-out interrupt and external interrupt are disabled.
EI
Enable interrupt
Machine code
0 0 1 0 1 1 0 0
Description
Internal time-out interrupt and external interrupt are enabled.
HALT
Halt system clock
Machine code
0 0 1 1 0 1 1 1
0 0 1 1 1 1 1 0
Description
Turn off system clock, and enter power down mode.
Operation
PC
← PC+2
IN A,Pi
Input port to accumulator
Machine code
0 0 1 1 0 0 1 1
PS
0 0 1 1 0 1 0 0
PP
Description
The data on port “Pi” is transferred to the accumulator.
Operation
ACC
← Pi; Pi=PS or PP
INC A
Increment accumulator
Machine code
0 0 1 1 0 0 0 1
Description
Data in the accumulator is incremented by 1. Carry flag is not affected.
Operation
ACC
← ACC+1
INC Rn
Increment register
Machine code
0 0 0 1 n n n 0
Description
Data in the working register “Rn” is incremented by 1. Carry flag is not
affected.
Operation
Rn
← Rn+1; Rn=R0~R4 for nnn=0~4
INC [R1R0]
Increment data memory
Machine code
0 0 0 0 1 1 0 0
Description
Data in the data memory specified by the register pair “R1,R0” is incre-
mented by 1. Carry flag is not affected.
Operation
M(R1,R0)
← M(R1,R0)+1
HTG12G0
21
14th May ’99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com